Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93333 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 1 Page - NXP Semiconductors

  FXLS93333 Datasheet HTML 1Page - NXP Semiconductors FXLS93333 Datasheet HTML 2Page - NXP Semiconductors FXLS93333 Datasheet HTML 3Page - NXP Semiconductors FXLS93333 Datasheet HTML 4Page - NXP Semiconductors FXLS93333 Datasheet HTML 5Page - NXP Semiconductors FXLS93333 Datasheet HTML 6Page - NXP Semiconductors FXLS93333 Datasheet HTML 7Page - NXP Semiconductors FXLS93333 Datasheet HTML 8Page - NXP Semiconductors FXLS93333 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 254 page
background image
FXLS9xxxx
Dual channel inertial sensor
Rev. 6 — 8 February 2021
Product data sheet
1 General description
The FXLS9xxxx is a dual channel DSI3, PSI5, SPI, and I2C compatible lateral (X-axis or
Y-axis) or vertical (Z-axis) inertial sensor.
2 Features
• Independent X-axis, Y-axis, or Z-axis ranges for each channel
– Medium g ranges from ± 15.5 g to ± 150 g nominal full-scale range
– High g ranges from ± 50 g to ± 500 g nominal full-scale range
• –40 °C to 125 °C operating temperature range
• DSI3 compatible
– Discovery mode for physical location identification
– High side bus switch output driver
– Command and response mode support for device configuration
– Periodic data collection mode support for sensor data transfers.
– Background diagnostic mode support during periodic data collection mode
• PSI5 Version 2.1 compatible
– Compatible modes:
– P10P-500/3L
– P10P-500/4H
– A10P-228/1L
– P10CRC-xxx/xx
– P16CRC-xxx/xx
– and many others
– Programmable time slots with 1 µs resolution
– Selectable baud rate: 125 kBd or 189 kBd
– 10- and 16-bit data options
– Selectable error detection: even parity, or 3-bit CRC
– Optional daisy chain with external low side switch
– Two-wire programming mode
• 32-bit SPI compatible serial interface
– 3.3 V or 5 V single supply operation
– Register read and write commands
– Sensor data transmission commands
– 12-bit data, left justified in a 16-bit data field
– Command echo with 3-bit source identification
– 2-bit basic status and 2-bit detailed status fields
– 8-bit CRC


Similar Part No. - FXLS93333

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXLS93120 NXP-FXLS93120 Datasheet
3Mb / 247P
Single channel inertial sensor
Rev. 6-8 February 2021
FXLS93130 NXP-FXLS93130 Datasheet
3Mb / 247P
Single channel inertial sensor
Rev. 6-8 February 2021
FXLS93220 NXP-FXLS93220 Datasheet
3Mb / 247P
Single channel inertial sensor
Rev. 6-8 February 2021
FXLS93230 NXP-FXLS93230 Datasheet
3Mb / 247P
Single channel inertial sensor
Rev. 6-8 February 2021
FXLS93620 NXP-FXLS93620 Datasheet
3Mb / 247P
Single channel inertial sensor
Rev. 6-8 February 2021
More results

Similar Description - FXLS93333

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
Dual-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
FXLS9XXX0 NXP-FXLS9XXX0 Datasheet
3Mb / 247P
Single channel inertial sensor
Rev. 6-8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com