Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93733 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FXLS93733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93733 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FXLS93733 Datasheet HTML 45Page - NXP Semiconductors FXLS93733 Datasheet HTML 46Page - NXP Semiconductors FXLS93733 Datasheet HTML 47Page - NXP Semiconductors FXLS93733 Datasheet HTML 48Page - NXP Semiconductors FXLS93733 Datasheet HTML 49Page - NXP Semiconductors FXLS93733 Datasheet HTML 50Page - NXP Semiconductors FXLS93733 Datasheet HTML 51Page - NXP Semiconductors FXLS93733 Datasheet HTML 52Page - NXP Semiconductors FXLS93733 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
TEMP1_ERR
Error condition
0
No error detected
1
Over- or Under-Temperature error condition detected
Table 66. Channel 1 temperature sensor error (TEMP1_ERR)
11.2.2.21 Channel 0 temperature sensor error (TEMP0_ERR)
The channel 0 temperature error bit is set if an over or under temperature condition exists
on channel 0. This error is cleared by a read of the DEVSTAT2 register through any
communication interface or on a data transmission that includes the error in the status
field. See Section 11.2.15.2 for details on a method to disable the automatic clearing of
this error in PSI5 mode.
TEMP0_ERR
Error condition
0
No error detected
1
Over- or Under-Temperature error condition detected
Table 67. Channel 0 temperature sensor error (TEMP0_ERR)
11.2.2.22 SPI MISO data mismatch error flag (MISO_ERROR)
In SPI mode, the MISO data mismatch flag is set when a MISO Data mismatch fault
occurs as specified in Section 14.5.7. The MISO_ERROR bit is cleared by a read of the
DEVSTAT3 register through any communication interface, or by a status transmission
including the error status through the SPI.
MISO_ERROR
Error condition
0
Normal operation
1
MISO Data Mismatch
Table 68. SPI MISO data mismatch error flag (MISO_ERROR)
11.2.2.23 Oscillator training error (OSCTRAIN_ERR)
The oscillator training error bit is set if an error detected in either the oscillator
training settings, or the master communication timing. See Section 11.5.2. Once the
error condition is corrected, the OSCTRAIN_ERR bit is cleared after a read of the
OSCTRAIN_ERR bit through any communication interface, or by a status transmission
including the error status through any communication interface.
OSCTRAIN_ERR
Error condition
0
No error detected
1
Oscillator Training Error. See Section 11.5.2
Table 69. Oscillator training error (OSCTRAIN_ERR)
11.2.3 Communication protocol revision register (COMMREV)
The communication protocol revision register is a read-only register which contains the
revision for the communication protocol used.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
49 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com