Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2001D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBLS2001D
Description  20 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS2001D Datasheet(HTML) 1 Page - NXP Semiconductors

  PBLS2001D Datasheet HTML 1Page - NXP Semiconductors PBLS2001D Datasheet HTML 2Page - NXP Semiconductors PBLS2001D Datasheet HTML 3Page - NXP Semiconductors PBLS2001D Datasheet HTML 4Page - NXP Semiconductors PBLS2001D Datasheet HTML 5Page - NXP Semiconductors PBLS2001D Datasheet HTML 6Page - NXP Semiconductors PBLS2001D Datasheet HTML 7Page - NXP Semiconductors PBLS2001D Datasheet HTML 8Page - NXP Semiconductors PBLS2001D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough in Small Signal (BISS) transistor and NPN Resistor-
Equipped Transistor (RET) in a SOT457 (SC-74) small Surface Mounted Device (SMD)
plastic package.
1.2 Features
s Low VCEsat (BISS) and resistor-equipped transistor in one package
s Low threshold voltage (< 1 V) compared to MOSFET
s Low drive power required
s Space-saving solution
s Reduction of component count
1.3 Applications
s Supply line switches
s Battery charger switches
s High-side switches for LEDs, drivers and backlights
s Portable equipment
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PBLS2001D
20 V PNP BISS loadswitch
Rev. 01 — 5 July 2005
Product data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−20
V
IC
collector current (DC)
-
-
−1A
RCEsat
collector-emitter saturation
resistance
IC = −1A;
IB = −100 mA
[1] -
185
280
m
Ω
TR2; NPN resistor-equipped transistor
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PBLS2001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS2001D NXP-PBLS2001D Datasheet
164Kb / 16P
20 V PNP BISS loadswitch
Rev. 02-27 August 2009
logo
Nexperia B.V. All right...
PBLS2001D NEXPERIA-PBLS2001D Datasheet
279Kb / 17P
20 V PNP BISS loadswitch
Rev. 02 - 27 August 2009
More results

Similar Description - PBLS2001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS2001D NXP-PBLS2001D Datasheet
164Kb / 16P
20 V PNP BISS loadswitch
Rev. 02-27 August 2009
PBLS2002D NXP-PBLS2002D Datasheet
166Kb / 16P
20 V PNP BISS loadswitch
Rev. 02-27 August 2009
PBLS2003D NXP-PBLS2003D Datasheet
166Kb / 16P
20 V PNP BISS loadswitch
Rev. 02-27 August 2009
PBLS2004D NXP-PBLS2004D Datasheet
164Kb / 16P
20 V PNP BISS loadswitch
Rev. 01-23 June 2005
logo
Nexperia B.V. All right...
PBLS2001D NEXPERIA-PBLS2001D Datasheet
279Kb / 17P
20 V PNP BISS loadswitch
Rev. 02 - 27 August 2009
PBLS2001S NEXPERIA-PBLS2001S Datasheet
229Kb / 17P
20 V PNP BISS loadswitch
Rev. 02 - 24 August 2009
PBLS2002D NEXPERIA-PBLS2002D Datasheet
281Kb / 17P
20 V PNP BISS loadswitch
Rev. 02 - 27 August 2009
PBLS2003D NEXPERIA-PBLS2003D Datasheet
281Kb / 17P
20 V PNP BISS loadswitch
Rev. 02 - 27 August 2009
PBLS2003S NEXPERIA-PBLS2003S Datasheet
231Kb / 17P
20 V PNP BISS loadswitch
Rev. 02 - 24 August 2009
PBLS2004D NEXPERIA-PBLS2004D Datasheet
274Kb / 17P
20 V PNP BISS loadswitch
Rev. 01 - 23 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com