Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6906 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM6906
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6906 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM6906 Datasheet HTML 1Page - Qorvo, Inc RFFM6906 Datasheet HTML 2Page - Qorvo, Inc RFFM6906 Datasheet HTML 3Page - Qorvo, Inc RFFM6906 Datasheet HTML 4Page - Qorvo, Inc RFFM6906 Datasheet HTML 5Page - Qorvo, Inc RFFM6906 Datasheet HTML 6Page - Qorvo, Inc RFFM6906 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revision DS20161219
4 of 7
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6906
RFMD + TriQuint = Qorvo
Application Schematic
1
2
3
4
9
12
11
10
17
16
15
18
23
24
25
26
J2
TX
J1
ANT 1
L1
10nH
C2
180pF
C1
1.0μF
P1
8
7
6
5
4
3
2
1
HDR_1X7
C_ANT
5
6
7
8
13
14
19
20
21
22
27
28
C_TX
C_RX
J2
RX_N
C_RX
VREG
VCC
VREG
Differential Pair 75
J4
BAL IN
J3
ASW RX
J5
RX_P
C_TX
C_ANT
J6
ANT 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com