Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4591SR Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFFM4591SR
Description  3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4591SR Datasheet(HTML) 5 Page - Qorvo, Inc

  RFFM4591SR Datasheet HTML 1Page - Qorvo, Inc RFFM4591SR Datasheet HTML 2Page - Qorvo, Inc RFFM4591SR Datasheet HTML 3Page - Qorvo, Inc RFFM4591SR Datasheet HTML 4Page - Qorvo, Inc RFFM4591SR Datasheet HTML 5Page - Qorvo, Inc RFFM4591SR Datasheet HTML 6Page - Qorvo, Inc RFFM4591SR Datasheet HTML 7Page - Qorvo, Inc RFFM4591SR Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RFFM4591
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Logic Control Table
Mode
PA_EN
LNA_EN
C_RX
Standby
Low
Low
Low
802.11a/n/ac Tx
High
Low
Low
802.11a/n/ac Rx Gain
Low
High
High
802.11a/n/ac Rx
Bypass
Low
Low
High
Note: High = 2.8V to VCC, Low = 0V to 0.2V
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground connection.
2RX
RF output port for the 802.11a/n/ac LNA. Input is matched to 50
Ω and DC block is provided internally.
3GND
Ground connection.
4VDD
Supply voltage for the LNA. See applications schematic for biasing and bypassing components.
5PDET
Power detector voltage for Tx section. PDET voltage varies with output power. May need external capacitor
for noise decoupling.
6PA_EN
Control voltage for the PA and Tx switch. See truth table for proper settings.
7NC
Not Connected. This Pin is not internally connected so customer has the choice to leave it NC or ground it.
8TX
RF input port for the 802.11a/n/ac PA. Input is matched to 50
Ω and DC block is provided internally.
9NC
Not Connected. This Pin is not internally connected so customer has the choice to leave it NC or ground it.
10
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
11
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
12
GND
Ground connection.
13
ANT
RF bidirectional antenna port matched to 50
Ω and DC block is provided internally.
14
GND
Ground connection.
15
C_RX
Receive switch control pin. See switch truth table for proper level.
16
LNA_EN
Control voltage for the LNA. When this pin is set to a LOW logic state, the bypass mode is enabled.
Pkg Base
GND
Ground connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com