Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4293 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM4293
Description  3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4293 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM4293 Datasheet HTML 1Page - Qorvo, Inc RFFM4293 Datasheet HTML 2Page - Qorvo, Inc RFFM4293 Datasheet HTML 3Page - Qorvo, Inc RFFM4293 Datasheet HTML 4Page - Qorvo, Inc RFFM4293 Datasheet HTML 5Page - Qorvo, Inc RFFM4293 Datasheet HTML 6Page - Qorvo, Inc RFFM4293 Datasheet HTML 7Page - Qorvo, Inc RFFM4293 Datasheet HTML 8Page - Qorvo, Inc RFFM4293 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140506
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFFM4293
Parameter
Specification
Unit
Condition
Min
Typ
Max
Typical Conditions 5.0V
(continued)
Temperature = -10°C to +70°C, VCC = 5.0V,
PA_EN = high, POUT = 21.5dBm using an IEEE802.11n MCS7
waveform unless otherwise noted.
General Tx Performance
Second Harmonic
-20
-18
dBm/MHz
POUT = 21.5dBm, T=25°C, VCC = 5.0V
Third Harmonic
-43
-38
dBm/MHz
Gain
25
27
29
dB
T=25°C, VCC = 5.0V
Gain variation over Temp
-2
+2
dB
Power Detect Voltage
0.14
0.16
0.18
V
POUT = 0dBm and also when RF = off
Power Detect Accuracy
-2
+2
dB
Into 3:1 VSWR load at T = 25°C
Power Detect Voltage
0.95
1.05
1.20
V
POUT = 21.5dBm
Input Return Loss - Tx_IN pin
-13
-10
dB
In specified frequency band
Output Return Loss at ANT pin
-15
-10
dB
Operating Current
260
290
mA
At rated 11n POUT, T=25°C, Vcc = 5.0V
230
260
mA
At rated POUT 19dBm, T=25°C, Vcc= 5.0V
Quiescent Current
190
mA
Nominal conditions; no RF applied
Leakage Current
2
10
µA
VCC = 5V, PA_EN = low, C_RX = low, LNA_EN = low at 25°C
VCONTROL High (PA_EN, C_BT,
C_RX, LNA_EN)
2.8
2.9
5.0
V
VCONTROL Low (PA_EN, C_BT,
C_RX, LNA_EN)
0
0.2
V
Turn-on time from PA_EN
edge
500
ns
Output stable to within 90% of final gain
Turn-off time from PA_EN
edge
500
ns
Stability
-25
24
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
28.5
29.5
dBm
Tx mode in 50% duty cycle
Rx Performance
Temperature = -10°C to +70°C, VDD = 5.0V,
C_RX = high, LNA_EN = high
Gain
11.5
14
16
dB
T=25°C, VDD = 5.0V
NF
2.3
3.0
dB
In specified frequency band and T=25°C, VDD = 5.0V
RX Port Return Loss
-9.6
dB
T=25°C, VDD = 5.0V
ANT Port Return Loss
-4
dB
Input IP3
4
8
dBm
Input P1dB
-6
-2
dBm
IDD
10
20
mA
LNA_EN Control Current
30
50
µA
Rx Bypass Mode
Temperature = -10°C to +70°C, VDD = 5.0V,
C_RX = high, LNA_EN = low
Insertion Loss
-8.5
-7.5
-6.5
dB
T=25°C, VCC = 5.0V,
RX Port Return Loss
-9.6
dB
T=25°C, VCC = 5.0V,
ANT Port Return Loss
-4
dB
Input IP3
4
8
dB
Input P1dB
-6
-2
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com