Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD0817 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD0817
Description  LCD Segment / Common Driver with Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD0817 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD0817 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SOLOMON
Rev 1
.3
01/2003
SSD0817 Series
18
COMMAND TABLE
Bit Pattern
Command
Description
0000X3X2X1X0
Set Lower Column Address
Set the lower nibble of the column address register
using X3X2X1X0 as data bits. The lower nibble of
column address is reset to 0000b after POR
0001X3X2X1X0
Set Higher Column Address
Set the higher nibble of the column address register
using X3X2X1X0 as data bits. The higher nibble of
column address is reset to 0000b after POR.
00100X2X1X0
Set Internal Regulator Resistor Ratio
Feedback gain of the internal regulator generating
VL6 increases as X2X1X0 increased from 000b to
111b. After POR, X2X1X0 = 100b
00101X2X1X0
Set Power Control Register
X0=0: turns off the output op-amp buffer (POR)
X0=1: turns on the output op-amp buffer
X1=0: turns off the internal regulator (POR)
X1=1: turns on the internal regulator
X2=0: turns off the internal voltage booster (POR)
X2=1: turns on the internal voltage booster
01X5X4X3X2X1X0
Set Display Start Line
Set GDDRAM display start line register from 0-63
using X5X4X3X2X1X0.
Display start line register is reset to 000000 after
POR.
10000001
** X5X4X3X2X1X0
Set Contrast Control Register
Select contrast level from 64 contrast steps.
Contrast
increases
(VL6
decreases)
as
X5X4X3X2X1X0 is increased from 000000b to
111111b.
X5X4X3X2X1X0 = 100000b after POR
1010000X0
Set Segment Re-map
X0=0: column address 00h is mapped to SEG0
(POR)
X0=1: column address 67h is mapped to SEG0
Refer to Table 4 on page 12 for example.
1010001X0
Set LCD Bias
X0=0: POR default bias
48 MUX Mode: 1/8
54 MUX Mode: 1/8.4
32 MUX Mode: 1/6
64 MUX Mode: 1/9
X0=1: alternate bias
48 MUX Mode: 1/6
54 MUX Mode: 1/6
32 MUX Mode: 1/5
64 MUX Mode: 1/7
For other bias ratio settings, see “Set 1/4 Bias Ratio”
and “Set Bias Ratio” in Extended Command Set.
1010010X0
Set Entire Display On/Off
X0=0: normal display (POR)
X0=1: entire display on
1010011X0
Set Normal/Inverse Display
X0=0: normal display (POR)
X0=1: inverse display
1010111X0
Set Display On/Off
X0=0: turns off LCD panel (POR)
X0=1: turns on LCD panel
1011X3X2X1X0
Set Page Address
Set GDDRAM Page Address (0-8) for read/write
using X3X2X1X0
1100X3 * * *
Set COM Output Scan Direction
X3=0: normal mode (POR)
X3=1: remapped mode,
COM 0 to COM [N-1] becomes COM [N-1] to COM 0
when Multiplex ratio is equal to N.
See Figure 5 on page 17 for detail mapping.
11100000
Set Read-Modify-Write Mode
Read-Modify-Write mode will be entered in which
the column address will not be increased during
display data read. After POR, Read-modify-write
mode is turned OFF.
11100010
Software Reset
Initialize internal status registers
11101110
Set End of Read-Modify-Write Mode
Exit
Read-Modify-Write
mode.
RAM
Column
address before entering the mode will be restored.
After POR, Read-modify-write mode is OFF.
1010110X0
Indicator Display Mode
This second byte command is required ONLY when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com