Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

539151 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 539151
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

539151 Datasheet(HTML) 1 Page - Festo Corporation.

  539151 Datasheet HTML 1Page - Festo Corporation. 539151 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSVA-B-T32N-AZD-A1-1T1L
Part number: 539151
Data sheet
Feature
Value
Valve function
2x3/2, closed, monostable
Actuation type
Electrical
Width
26 mm
Standard nominal flow rate
900 l/min
Pneumatic working port
Sub-base, size 26 mm as per ISO 15407-1
Size 01 sub-base as per VDMA 24563
G1/4
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Design
Piston gate valve
Certification
c UL us - Recognized (OL)
Degree of protection
IP65
NEMA 4
Type code
VSVA
Exhaust air function
With flow control option
Via throttle plate
Via individual sub-base
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
External
Internal
Flow direction
Reversible only
Symbol
00992836
Lap
Overlap
Signal status display
LED
Pilot pressure MPa
0.3 MPa ... 1 MPa
Pilot pressure
3 bar ... 10 bar
Flow rate of pneumatic valve
1250 l/min
Flow rate of pneumatic valve on individual sub-base
1100 l/min
Optimized flow rate of pneumatic valve, pneumatically concatenated
flow
1150 l/min
Optimized flow rate of pneumatic valve pneumatically concatenated flow 900 l/min
Switching time off
30 ms
9/7/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 539151

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
539150 FESTO-539150 Datasheet
103Kb / 2P
Air solenoid valve
539152 FESTO-539152 Datasheet
103Kb / 2P
Air solenoid valve
539153 FESTO-539153 Datasheet
105Kb / 2P
Air solenoid valve
539154 FESTO-539154 Datasheet
103Kb / 2P
Air solenoid valve
5391540 FESTO-5391540 Datasheet
90Kb / 2P
Motor cable
More results

Similar Description - 539151

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com