Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS200170TV1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS200170TV1
Description  High voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS200170TV1 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS200170TV1 Datasheet HTML 1Page - STMicroelectronics STPS200170TV1 Datasheet HTML 2Page - STMicroelectronics STPS200170TV1 Datasheet HTML 3Page - STMicroelectronics STPS200170TV1 Datasheet HTML 4Page - STMicroelectronics STPS200170TV1 Datasheet HTML 5Page - STMicroelectronics STPS200170TV1 Datasheet HTML 6Page - STMicroelectronics STPS200170TV1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1 Characteristics
STPS200170TV1
2/7
1
Characteristics
When the diodes are used simultaneously:
Tj(diode1) = P(diode1) X Rth(j-c) (per diode) + P(diode2) X Rth(c)
To evaluate the conduction losses use the following equation: P = 0.5 x IF(AV) + 0.0018 IF
2
(RMS)
Table 1.
Absolute ratings - limiting values per diode at Tamb = 25 °C, unless otherwise specified
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS)
RMS forward current
200
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 105 °C per diode
100
A
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
700
A
PARM
Repetitive peak avalanche power
tp = 1 µs, Tj = 25 °C
100000
W
Tstg
Storage temperature range
-55 to + 150
°C
Tj
Maximum operating junction temperature(1)
1.
thermal runaway condition for a diode on its own heatsink
150
°C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.52
°C/W
Total
0.31
Rth(c)
Coupling thermal resistance
0.1
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25 °C
VR = VRRM
200
µA
Tj = 125 °C
30
100
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25 °C
IF = 100 A
0.83
V
Tj = 150 °C
0.63
0.68
Tj = 25 °C
IF = 200 A
0.975
Tj = 150 °C
0.78
0.86
dP
tot
dT
j
---------------
1
R
th j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com