Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19700EVCMOD2 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX19700EVCMOD2
Description  ADC/DAC Sampling Rate Up to 7.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19700EVCMOD2 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX19700EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3) Connect a cable from the computer’s serial port to
the command module (CMOD232) interface board.
Use a straight-through 9-pin male-to-female
cable. To avoid damaging the EV kit or computer,
do not use a 9-pin null-modem cable or any other
proprietary interface cable that is physically similar
to the straight-through cable.
4) Connect the provided wall-cube power supply to
the CMOD232 board.
EV Kit Software Setup
5) The MAX19700.EXE software program can be run
from the CD-ROM or hard drive. Use the
INSTALL.EXE program to copy the files and create
icons in the Windows 98/2000/XP Start menu.
EV Kit Setup
6) Verify that shunts are installed in the following locations:
JU1 (1-2)
→ CS Connected
JU1 (3-4)
→ SCLK Connected
JU1 (5-6)
→ DIN Connected
JU2 (1-2)
→ MAX19700 Enabled
JU4 (Installed)
→ Internal Reference Enabled
JU5 (1-2)
→ Digital Bus Level Shifting Enabled
JU6 (2-3)
→ Reserved
7) Connect a +3.0V, 100mA power supply to VDD.
Connect the ground terminal of this supply to GND.
8) Connect a +3.0V, 100mA power supply to CVDD.
Connect the ground terminal of this supply to GND.
9) Connect a +1.8V, 100mA power supply to OVDD.
Connect the ground terminal of this supply to
DGND.
10) Connect a +3.3V, 100mA power supply to BVCC.
Connect the ground terminal of this supply to
DGND.
11) Connect a +5V, 250mA power supply to VOP.
Connect the ground terminal of this supply to GND.
12) Connect a -5V, 250mA power supply to VON.
Connect the ground terminal of this supply to GND.
13) Carefully align the 40-pin connector of the
MAX19700 EV kit (J1) with the 40-pin header of the
CMOD232 interface board (P4). Gently press them
together.
14) The MAX19700 supports three modes of operation:
a. To connect a logic analyzer to the EV kit and
test the Rx ADCs, skip to step 15.
b. To connect a spectrum analyzer to the EV kit
and test the Tx DACs, skip to step 36.
c. To connect an ASIC or FPGA to the EV kit,
see the Configuring for ASIC/FPGA
Connection section in this document.
Rx ADC Setup
15) Ensure that a shunt is placed across pins 2 and 3
of jumper JU3.
16) Connect the clock signal generator to the input of
the clock bandpass filter.
17) Connect the output of the clock bandpass filter to
the EV kit SMA connector labeled J10.
18) Connect the first analog signal generator to the
input of the desired bandpass filter.
19) Connect the output of the bandpass filter to the EV
kit SMA connector labeled J3 (I channel).
20) Connect the second analog signal generator to the
input of the desired bandpass filter.
21) Connect the output of the bandpass filter to the EV
kit SMA connector labeled J6 (Q channel).
22) Ensure that all signal generators are phase-locked
to a common reference frequency.
23) Connect the logic analyzer to J11. See the Digital
Data Bit Locations section in this document for
header connections.
24) Set the logic analyzer to capture 10-bit CMOS data
on the falling edge for the I channel (J3) or the ris-
ing edge for the Q channel (J6).
25) Turn on the -5V power supply.
26) Turn on all remaining power supplies.
27) Plug the CMOD232 wall cube into an electrical outlet.
28) Enable the signal generators.
29) Set the clock signal generator to output a 7.5MHz
signal. The amplitude of the generator should be
sufficient to produce a 13.8dBm signal at the SMA
input of the EV kit. Insertion losses due to the series-
connected filter (step 16) and the interconnecting
cables will decrease the amount of power seen at
the EV kit input. Account for these losses when set-
ting the signal-generator amplitude.
MAX19700 Evaluation Kit/Evaluation System
4
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com