Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4087B Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U4087B
Description  Low Voltage Voice Switch Interface Circuit for Hands-free Operation in Telephone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4087B Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U4087B Datasheet HTML 1Page - TEMIC Semiconductors U4087B Datasheet HTML 2Page - TEMIC Semiconductors U4087B Datasheet HTML 3Page - TEMIC Semiconductors U4087B Datasheet HTML 4Page - TEMIC Semiconductors U4087B Datasheet HTML 5Page - TEMIC Semiconductors U4087B Datasheet HTML 6Page - TEMIC Semiconductors U4087B Datasheet HTML 7Page - TEMIC Semiconductors U4087B Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
U4087B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 09-Sep-96
1 (8)
Low Voltage Voice Switch Interface Circuit for Hands-free
Operation in Telephone
Description
The voice switch interface circuit U4087B is a linear
integrated
circuit
for
improvement
of
handsfree
performance of U4090B system.
The U4087B provides an optimized interface to U4090B,
the necessary level detectors and switching control for a
properly
operating
speakerphone.
The
detection
sensitivity and timing are externally controllable.
Additionally, the U4087B provides a back- ground noise
monitor which makes the circuit insensitive to room
noise.
The Block diagram shows level detectors, back ground
noise monitor.
Due to low voltage operation it can be operated via power
supply management of U4090B requiring 1.0 mA typ.
Features
D Low voltage operation: 3.0 to 7.0 V
D Four point signal sensing
D Monitoring system for background noise level
D Case: SO 16
D Chip Disable for active/standby operation
Benefits
D Fast channel switching allows quasi duplex operation
D Low current consumption
Block Diagram
Bias
Noise
detector
713
6
5
TS
+
=
14
+
Logic
15
Logic
16
C.T.
Generator
Charge
DIRA
Discharge
Logic
9
+
DIRE
2
Logic
Logic
1
4
10
11
12
CT
8
12610
TLO2
CPT
VB
VM
CD GND
TLO1
TLI1
RLI1
3
TLDR
TLDT
RLO1
RLO2
RLI2
TLI2
Figure 1. Block diagram with external circuit


Similar Part No. - U4087B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4080B TEMIC-U4080B Datasheet
169Kb / 15P
Voice-Switched Circuit for Handsfree Operation
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
Low-voltage Voice-switched IC for Hands-free Operation
logo
Unisonic Technologies
U4082B UTC-U4082B Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
ATMEL Corporation
U4082B-MFLG ATMEL-U4082B-MFLG Datasheet
557Kb / 30P
Low-voltage Voice-switched IC for Hands-free Operation
U4082B-MFLG3G ATMEL-U4082B-MFLG3G Datasheet
557Kb / 30P
Low-voltage Voice-switched IC for Hands-free Operation
More results

Similar Description - U4087B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
Hands free IC
1996 Jul 15
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
TEMIC Semiconductors
U4080B TEMIC-U4080B Datasheet
169Kb / 15P
Voice-Switched Circuit for Handsfree Operation
U4084B TEMIC-U4084B Datasheet
544Kb / 26P
Low-Voltage, Voice-Switched Circuit for Hands-Free Operation
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
AEC for Analog Hands-Free Communication
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
Low-voltage Voice-switched IC for Hands-free Operation
logo
Unisonic Technologies
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
Hands-free calling integrated circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com