Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624Q0KP Datasheet(PDF) 23 Page - STMicroelectronics

Part # VS6624Q0KP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624Q0KP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VS6624Q0KP Datasheet HTML 19Page - STMicroelectronics VS6624Q0KP Datasheet HTML 20Page - STMicroelectronics VS6624Q0KP Datasheet HTML 21Page - STMicroelectronics VS6624Q0KP Datasheet HTML 22Page - STMicroelectronics VS6624Q0KP Datasheet HTML 23Page - STMicroelectronics VS6624Q0KP Datasheet HTML 24Page - STMicroelectronics VS6624Q0KP Datasheet HTML 25Page - STMicroelectronics VS6624Q0KP Datasheet HTML 26Page - STMicroelectronics VS6624Q0KP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
VS6624
Output data formats
Rev 1
23/100
Figure 7.
Y Cb Cr data swapping options register 0x2294 bYuvSetup
YUV 4:0:0
The ITU protocol allows the encapsulation of various data formats over the link. The
following data formats are also proposed encapsulated in ITU601-656 protocol:
●
YUV 4:0:0 - luminance data channel
This is done as described in
Figure 8. In this output mode the output data per pixel is a
single byte. Therefore the output PCLK and data rate is halved.
It is possible to reverse the overall bit order of the component through a register
programming.
Note:
False synchronization codes are avoided in the LSByte by adding or subtracting a value of
one, dependent on detection of a 0 code or 255 code respectively.
Figure 8.
YUV 4:0:0 format encapsulated in ITU stream
See
Output formatter control for user interface control of output data formats.
1
0
1
1
0
1
0
0
Cb
Cr
YY
in 4-byte data packet
Components order
1st
2nd
3rd
4th
Cb
Y
Cr
Y
Cb
Cr
YY
Cb
Y
Cr
Y
DEFAULT
F
F
0
0
0
0
X
Y
EAV Code
START OF DIGITAL ACTIVE LINE
D
4
D
5
D
6
D
7
D
0
D
1
D
2
D
3
D
8
D
9
YUV4:0:0
F
F
0
0
0
0
X
Y
where:
Pixeln = Yn[7:0]
..................
..................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com