Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033AMLF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS873033AMLF
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033AMLF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS873033AMLF Datasheet HTML 1Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 2Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 3Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 4Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 5Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 6Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 7Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 8Page - Integrated Circuit Systems ICS873033AMLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
5
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
TABLE 5. AC CHARACTERISTICS, V
CC = 0V; VEE = -5.5V
TO
-3.0V OR V
CC = 3.0V
TO
5.5V; V
EE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
n
I2
.
32
.
32
.
3z
H
G
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P0
0
35
7
40
0
30
3
40
3
50
5
30
5
40
5
5s
p
t
)
Ø
(
t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
2
5
.
5
5
1
e
v
i
t
i
d
d
A
o
t
r
e
f
e
R
;
z
H
M
0
2
-
z
H
k
2
1
n
o
i
t
c
e
S
r
e
t
t
i
J
e
s
a
h
P
0
2
.
00
2
.
00
2
.
0s
p
t
R
R
2
E
T
O
N
;
y
r
e
v
o
c
e
R
t
e
s
e
R
/
t
e
S0
5
10
0
10
0
20
0
10
0
20
0
1s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
10
5
20
0
10
5
20
0
10
5
2s
p
t
W
P
3
E
T
O
N
;
h
t
d
i
W
e
s
l
u
PT
E
S
E
R0
5
50
8
40
5
50
8
40
5
50
8
4s
p
f
t
a
d
e
r
u
s
a
e
m
e
r
a
s
r
e
t
e
m
a
r
a
p
ll
A
≤
.
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
,
z
H
G
7
.
1
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
m
a
r
g
a
i
D
g
n
i
m
i
T
,
1
e
r
u
g
i
F
e
e
S
:
2
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com