Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QM28014 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QM28014
Description  MHB, GNSS, and 2.4G WiFi Antennaplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM28014 Datasheet(HTML) 2 Page - Qorvo, Inc

  QM28014 Datasheet HTML 1Page - Qorvo, Inc QM28014 Datasheet HTML 2Page - Qorvo, Inc QM28014 Datasheet HTML 3Page - Qorvo, Inc QM28014 Datasheet HTML 4Page - Qorvo, Inc QM28014 Datasheet HTML 5Page - Qorvo, Inc QM28014 Datasheet HTML 6Page - Qorvo, Inc QM28014 Datasheet HTML 7Page - Qorvo, Inc QM28014 Datasheet HTML 8Page - Qorvo, Inc QM28014 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
QM28014
MHB, GNSS, and 2.4G WiFi Antennaplexer
QM28014 Preliminary Data Sheet rev G
Subject to change without notice
2 of 21
www.qorvo.com
Absolute Maximum Ratings(1)
Parameter
Conditions
Rating
UNITS
Storage Temperature
-40 to +90
°C
Operating Case Temperature
-30 to +85
°C
RF Input Power (Pin7, 2.4GHz WiFi)
2403 MHz – 2481 MHz
CW, +55C, 5k hours
+24
dBm
RF Input Power (Pin3, MHB Cellular)
1427 MHz – 1470 MHz
CW, +55C, 5k hours
+30
dBm
1710 MHz – 2315 MHz
2500 MHz – 2570 MHz
2300 MHz – 2370 MHz
40% Dutycycle
55C, 5k hours
+31.5
dBm
2370 MHz – 2390 MHz
+31.5
2390 MHz – 2400 MHz
RX Only
2496 MHz – 2690 MHz
+31.5
RF Input Power(2)
Pin 7, 2.4G WiFi
2403 MHz – 2481 MHz
CW, +55C, 5k hours
+22
dBm
Pin 3, MHB Cellular
1427 MHz – 1470 MHz
+28
1710 MHz – 2315 MHz
2500 MHz – 2570 MHz
2300 MHz – 2370 MHz
40% Dutycycle
55C, 5k hours
+30
2370 MHz – 2390 MHz
+30
2390 MHz – 2400 MHz
RX Only
2496 MHz – 2690 MHz
+30
RF Input Power (Pin1, ANT)
1427 MHz – 1518 MHz
CW, +55C, 5k hours
+15
dBm
1559 MHz – 1606 MHz
1710 MHz – 2400 MHz
2403 MHz – 2481 MHz
2496 MHz – 2690 MHz
1.
Operation of this device outside the parameter ranges given above may cause permanent damage.
2.
Power applied simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com