Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC327C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC327C
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC327C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC327C Datasheet HTML 1Page - Renesas Technology Corp HVC327C Datasheet HTML 2Page - Renesas Technology Corp HVC327C Datasheet HTML 3Page - Renesas Technology Corp HVC327C Datasheet HTML 4Page - Renesas Technology Corp HVC327C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC327C
Rev.1.00, Apr 16, 2004, page 2 of 4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
10
VR = 10 V
Reverse current
IR2
—
—
100
nA
VR = 10 V, Ta= 60°C
C1
30.5
—
33.5
VR = 1 V, f = 1 MHz
Capacitance
C10
2.6
—
2.9
pF
VR = 10 V, f = 1 MHz
Capacitance ratio
n
11.0
—
—
—
C1/C10
Series resistance
rS
—
—
0.8
Ω
VR = 5 V, f = 470 MHz
Matching error
∆C/C *1
—
—
2.0
%
VR = 1 to 10 V, f = 1 MHz
Note:
1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C continuous in a reel,
expect extention to another group.
Calculate Matching Error,
∆C/C =
× 100 (%)
(Cmax – Cmin)
Cmin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com