Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB80DW8 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M69KB096AB80DW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80DW8 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M69KB096AB80DW8 Datasheet HTML 35Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 36Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 37Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 38Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 39Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 40Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 41Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 42Page - STMicroelectronics M69KB096AB80DW8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
M69KB096AB
9 DC and AC parameters
39/73
Figure 13. AC Measurement Load Circuit
Table 15.
Capacitance
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1MHz,
VIN = 0V
26
pF
CIO
Data Input/Output Capacitance
3.5
6
pF
AI11289
VCCQ/2
OUT
DEVICE
UNDER
TEST
CL
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com