Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC237 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC237
Description  3-to-8 Line Decoder With Address Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC237 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC237 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC237 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC237 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC237 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC237 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC237 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5326
January 1988
MM54HC237MM74HC237
3-to-8 Line Decoder With Address Latches
General Description
These devices utilize advanced silicon-gate CMOS technol-
ogy to implement a three-to-eight line decoder with latches
on the three address inputs When GL goes from low to
high the address present at the select inputs (A B and C) is
stored in the latches As long as GL remains high no ad-
dress changes will be recognized Output enable controls
G1 and G2 control the state of the outputs independently of
the select or latch-enable inputs All of the outputs are low
unless G1 is high and G2 is low The ’HC237 is ideally suit-
ed for the implementation of glitch-free decoders in stored-
address applications in bus oriented systems
The 54HC74HC logic family is speed function and pin-out
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
diodes to VCC and ground
Features
Y
Typical propagation delay 20 ns
Y
Wide supply range 2 – 6V
Y
Latched inputs for easy interfacing
Y
Fanout of 10 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF5326 – 1
Top View
Order Number MM54HC237 or MM74HC237
Truth Table
INPUTS
OUTPUTS
ENABLE
SELECT
GL
G1
G2
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
XX
H
X
X
X
L
L
LLLLLL
X
L
X
X
X
X
L
L
LLLLLL
LH
L
L
L
L
H
L
LLLLLL
LH
L
L
L
H
L
H
LLLLLL
LH
L
L
H
L
L
L
H
L
LLLL
LH
L
L
H
H
L
L
L
H
LLLL
LH
L
H
L
L
L
L
LL
H
LLL
LH
L
H
L
H
L
L
LLL
H
LL
LH
L
H
H
L
L
L
LLLL
H
L
LH
L
H
H
H
L
L
LLLLL
H
HH
L
X
X
X
Output corresponding to stored
address L all others H
H e high level L e low level X e irrelevant
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC237

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC20 NSC-MM54HC20 Datasheet
123Kb / 4P
Dual 4-Input NAND Gate
MM54HC20J NSC-MM54HC20J Datasheet
123Kb / 4P
Dual 4-Input NAND Gate
MM54HC20N NSC-MM54HC20N Datasheet
123Kb / 4P
Dual 4-Input NAND Gate
MM54HC242 NSC-MM54HC242 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
MM54HC242J NSC-MM54HC242J Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
More results

Similar Description - MM54HC237

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com