Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLM1JDR10FTD Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # TLM1JDR10FTD
Description  SMD Current Sense Metal Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLM1JDR10FTD Datasheet(HTML) 3 Page - TE Connectivity Ltd

  TLM1JDR10FTD Datasheet HTML 1Page - TE Connectivity Ltd TLM1JDR10FTD Datasheet HTML 2Page - TE Connectivity Ltd TLM1JDR10FTD Datasheet HTML 3Page - TE Connectivity Ltd TLM1JDR10FTD Datasheet HTML 4Page - TE Connectivity Ltd TLM1JDR10FTD Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Current Sense Metal Chip Resistor
1773269-1 CIS WR 01/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Construction:
1
Alumina Substrate
5
Barrier Layer (Ni)
9
Primary Overcoat (Epoxy)
2
Bottom Electrode (Cu)
6
External Electrode (Sn)
10
Marking (Epoxy)
3
Top Electrode (NiCr)
7
Adhesive (Acrylic)
4
Edge Electrode (NiCr)
8
Resistor Layer (Alloy)
Dimensions
Type
Resistance
Range (mΩ)
L
W
T
D1
D2
TLM 1J
10 – 29
1.55±0.10
0.85±0.10
0.40±0.10
0.30±0.15
0.45±0.15
30 - 100
1.55±0.10
0.85±0.10
0.40±0.10
0.30±0.15
0.35±0.15
TLM 2A
10 – 29
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.50±0.20
30 - 100
2.00±0.15
1.25±0.15
0.52±0.10
0.30±0.20
0.35±0.20
TLM 2B
10 - 29
3.05±0.15
1.55±0.15
0.58±0.15
0.50±0.25
0.90±0.25
30 - 100
3.05±0.15
1.55±0.15
0.55±0.15
0.50±0.25
0.60±0.25
TLM 2H
10 - 29
5.00±0.20
2.50±0.20
0.58±0.15
0.60±0.30
1.50±0.30
30 - 100
5.00±0.20
2.50±0.20
0.55±0.15
0.60±0.30
0.90±0.30
TLM 3A
10 – 29
6.30±0.20
3.15±0.20
0.58±0.15
0.60±0.30
1.80±0.30
30 - 100
6.30±0.20
3.15±0.20
0.55±0.15
0.60±0.30
1.20±0.30
Recommended Land Pattern:
Type
Resistance
Range (mΩ)
A
B
C
TLM1J
10 – 29
0.40
1.20
0.50
30 - 100
0.70
1.05
0.90
TLM2A
10 – 29
0.80
1.10
1.35
30 - 100
1.00
1.00
1.35
TLM2B
10 - 29
0.9
1.70
1.70
30 - 100
1.50
1.40
1.70
TLM2H
10 - 29
1.70
2.35
2.50
30 - 100
2.80
1.80
2.50
TLM3A
10 – 29
2.30
2.90
3.10
30 - 100
3.60
2.25
3.10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com