Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLM2BDR10FTD Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # TLM2BDR10FTD
Description  SMD Current Sense Metal Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLM2BDR10FTD Datasheet(HTML) 5 Page - TE Connectivity Ltd

  TLM2BDR10FTD Datasheet HTML 1Page - TE Connectivity Ltd TLM2BDR10FTD Datasheet HTML 2Page - TE Connectivity Ltd TLM2BDR10FTD Datasheet HTML 3Page - TE Connectivity Ltd TLM2BDR10FTD Datasheet HTML 4Page - TE Connectivity Ltd TLM2BDR10FTD Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Current Sense Metal Chip Resistor
1773269-1 CIS WR 01/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Embossed Plastic Tape Specifications
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
TLM2H
2.80
±0.10
5.50
±0.10
12.0
±0.10
1.75
±0.10
5.50
±0.05
4.00
±0.05
4.00
±0.10
2.00
±0.05
1.50
±0.10
1.00
±0.20
TLM3A
3.50
±0.10
6.700
±0.20
12.0
±0.20
1.75
±0.10
5.50
±0.05
4.00
±0.05
4.00
±0.10
2.00
±0.05
1.50
±0.10
1.00
±0.20
How To Order
TLM
2A
E
R01
J
TD
Common
Part
Size
TCR
Resistance
Value
Tolerance
Pack Style
TLM
1J – 0603
2A – 0805
2B – 1206
2H – 2010
3A – 2512
D – 50PPM
E –
100PPM
10mΩ - R01
100mΩ -
R10
F - 1%
J - 5%
TD – Reel 5K
(0603,0805,
1206)
TE – Reel 4K
(2010, 2512)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com