Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69208T4 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 17Page - Microchip Technology PD69208T4 Datasheet HTML 18Page - Microchip Technology PD69208T4 Datasheet HTML 19Page - Microchip Technology PD69208T4 Datasheet HTML 20Page - Microchip Technology PD69208T4 Datasheet HTML 21Page - Microchip Technology PD69208T4 Datasheet HTML 22Page - Microchip Technology PD69208T4 Datasheet HTML 23Page - Microchip Technology PD69208T4 Datasheet HTML 24Page - Microchip Technology PD69208T4 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
5.
Package Information
This section describes the package of the PD69208T4, PD69204T4, and PD69208M devices.
5.1
Package Outline Drawing
The following figure shows the package drawing of the PD69208T4, PD69204T4, and PD69208M package.
Figure 5-1. PD69208T4 Package Drawing (56 Pin QFN 8 mm × 8 mm)
The following table lists the dimensions and measurements of the PD69208T4 package.
Table 5-1. Package Outline Dimensions and Measurements
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
A3
0.20 REF
0.008 REF
K
0.20 MIN
0.008 MIN
e
0.50 BSC
0.02 BSC
L
0.30
0.50
0.012
0.02
b
0.18
0.30
0.007
0.012
D2
6.50
6.75
0.256
0.267
E2
6.50
6.75
0.256
0.267
D
8.00 BSC
0.315 BSC
E
8.00 BSC
0.315 BSC
Note: Dimensions do not include protrusions; they should not exceed 0.155 mm (0.006 in.) on any side. Lead
dimension should not include solder coverage. Dimensions are in millimeters and inches for reference.
PD69208T4/PD69204T4/PD69208M
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com