Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69208M Datasheet(PDF) 30 Page - Microchip Technology

Part # PD69208M
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208M Datasheet(HTML) 30 Page - Microchip Technology

Back Button PD69208M Datasheet HTML 26Page - Microchip Technology PD69208M Datasheet HTML 27Page - Microchip Technology PD69208M Datasheet HTML 28Page - Microchip Technology PD69208M Datasheet HTML 29Page - Microchip Technology PD69208M Datasheet HTML 30Page - Microchip Technology PD69208M Datasheet HTML 31Page - Microchip Technology PD69208M Datasheet HTML 32Page - Microchip Technology PD69208M Datasheet HTML 33Page - Microchip Technology PD69208M Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
6.
Ordering Information
The following table lists the part ordering information for the manager ICs.
Table 6-1. Ordering Information
Part Number
Package
Packaging Type
Temperature
Part Marking
PD69208T4ILQ-TR-LE
Plastic QFN
8 mm × 8 mm
(56 lead)
Tape and Reel
–40 °C to 85 °C
Microsemi Logo
PD69208T4
L E e41
YYWWNNN2
PD69204T4ILQ-TR-LE
Plastic QFN
8 mm × 8 mm
(56 lead)
Tape and Reel
–40 °C to 85 °C
Microsemi Logo
PD69204T4
L E e41
YYWWNNN2
PD69208MILQ-TR-LE
Plastic QFN
8 mm × 8 mm
(56 lead)
Tape and Reel
–40 °C to 85 °C
Microsemi Logo
PD69208M
L E e41
YYWWNNN2
1.
L= FAB code; E= V2R4; and e4= second-level interconnect.
2.
YY= Year; WW= Week; and NNN= Trace code.
Note: The package meets RoHS, Pb-free of the European Council to minimize the environmental impact of electrical
equipment.
The following table lists the manufacturing and ordering part numbers of the manager devices.
Table 6-2. Manufacturing and Ordering Part Numbers
Ordering Part Number
Manufacturing Part Number
PD69208T4ILQ-TR-LE
PD69208T4ILQ-TR-LE
PD69204T4ILQ-TR-LE
PD69204T4ILQ-TR-LE
PD69208MILQ-TR-LE
PD69208MILQ-TR-LE
PD69208T4/PD69204T4/PD69208M
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com