Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD70100
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70100 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD70100 Datasheet HTML 10Page - Microchip Technology PD70100 Datasheet HTML 11Page - Microchip Technology PD70100 Datasheet HTML 12Page - Microchip Technology PD70100 Datasheet HTML 13Page - Microchip Technology PD70100 Datasheet HTML 14Page - Microchip Technology PD70100 Datasheet HTML 15Page - Microchip Technology PD70100 Datasheet HTML 16Page - Microchip Technology PD70100 Datasheet HTML 17Page - Microchip Technology PD70100 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
3.
Pin Description
The following illustration shows the device pinout, from the top view and bottom view.
Figure 3-1. Pinout Top View and Bottom View
The following table lists the pin descriptions for the PD70100/PD70200 devices.
Table 3-1. Pin Descriptions
Pin
Pin Name
(PD70100)
Pin Name
(PD70200)
Type
Description
1
RDET
RDET
Valid Detection resistor. Connect
external 24.9 KΩ detection resistor
between RDET and VPP.
2
RREF
RREF
Bias current resistor. Connect a 243 k
1% resistor between this pin and VPNIN.
3
RCLASS
RCLASS
Power classification setting. Connect
external class resistor between RCLASS
and VPNIN.
4
VPNIN
VPNIN
Power
VPort Negative input. Connected to the
isolating SW input. N-channel MOSFET
source. The exposed thermal pad
should be connected to these pins.
5
6
N.C.
N.C.
7
VPNOUT
VPNOUT
Power/Gnd
Vport Negative output. Connected to
the isolating SW output. N-channel
MOSFET Drain. Primary side Ground.
A decent ground plane should be
deployed around this pin whenever is
possible.
8
PD70100/PD70200
Pin Description
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com