Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70210 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD70210
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology PD70210 Datasheet HTML 11Page - Microchip Technology PD70210 Datasheet HTML 12Page - Microchip Technology PD70210 Datasheet HTML 13Page - Microchip Technology PD70210 Datasheet HTML 14Page - Microchip Technology PD70210 Datasheet HTML 15Page - Microchip Technology PD70210 Datasheet HTML 16Page - Microchip Technology PD70210 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2.2.9
Thermal Shutdown
Table 2-10. Thermal Shutdown
Parameter
Symbol Min
Typ
Max
Units
Test Conditions/
Comment
Thermal Shutdown Temperature
180
200
220
°C
2.2.10
VAUX
Reference to VPNOUT.
Table 2-11. VAUX
Parameter
Symbol Min
Typ
Max
Units
Test Conditions/Comment
VAUX Output
Voltage On
VAUX-on
9.5
10.5
11.8
V
Isolating switch at ILIM-HIGH and
PGOOD = Low
Output Current
Peak
IVAUXP
0
10
mA
Capacitor = 30 μF
When TLOAD ≤ 5 mS
Isolating switch at ILIM-HIGH and
PGOOD = Low
Output Continuous
Current
IVAUXC
0
2
mA
When TLOAD ≤ 10 mS
Isolating switch at ILIM-HIGH and
PGOOD = Low
VAUX Output
Current Limit
IVAUX
10
32
mA
Isolating switch at ILIM-HIGH and
PGOOD = Low
PD70100/PD70200
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com