Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL73H1JR10FTDF Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RL73H1JR10FTDF
Description  SMD Low Ohmic ??Current Sense Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RL73H1JR10FTDF Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RL73H1JR10FTDF Datasheet HTML 1Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 2Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 3Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 4Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 5Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 6Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 7Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMD Low Ohmic – Current Sense Resistors
1773269 REV H 12/2018
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Electrical Characteristics Standard Power (continued)
Size
Size
TCR
(PPM/°C)
Power
rating @
70°C
Resistance
Range (Ω)
Max
Operating
Current
Packaging
TDF
TD
TE
Tape
RL73V2B
1206
±600
0.25W
R010 – R020
5.00A
1000
5000
Paper
RL73M2B
±400
R022 – R047
RL73N2B
±300
R051 – R091
RL73K2B
±200
R10 – R91
RL73H2B
±100
R10 – R91
1.58A
RL73V2E
1210
±600
0.5W
R010 – R020
7.07A
1000
5000
Paper
RL73M2E
±400
R022 – R047
RL73N2E
±300
R051 – R091
RL73K2E
±200
R10 – R91
RL73H2E
±100
R075 – R91
2.58A
RL73V2H
2010
±600
0.75W
R010 – R020
8.66A
4000
Embossed
Plastic
RL73M2H
±400
R022 – R047
RL73N2H
±300
R051 – R091
RL73K2H
±200
R10 – R91
RL73H2H
±100
R050 – R91
3.87A
RL73V3A
2512
±600
1W
R010 – R020
10.0A
4000
Embossed
Plastic
RL73M3A
±400
R022 – R047
RL73N3A
±300
R051 – R091
RL73K3A
±200
R10 – R91
RL73H3A
±100
R020 – R91
7.07A
Characteristics Electrical – High Power Version - RLP73
Type
Size
TCR
(PPM/°C)
Power
rating
Resistance
Range
Max.
Operating
current
Packaging
TDF
TD
TE
Tape
RLP73M1E
0402
±400
0.125W
R051 – R091
1.56A
1000
5000
Paper
RLP73N1E
±300
R10 – R47
RLP73K1E
±200
R51 – R91
RLP73M1J
0603
±400
0.125W
R051 – R091
1.98A
1000
5000
Paper
RLP73N1J
±300
R10– R47
RLP73K1J
±200
R51 – R91
RLP73M2A
0805
±400
0.25W
R051 – R091
2.21A
1000
5000
Paper
RLP73N2A
±300
R10 – R47
RLP73K2A
±200
R51 – R91
RLP73V2B
1206
±600
0.5W
R010 – R020
7.07
1000
5000
Paper
RLP73M2B
±400
R022 – R047
RLP73N2B
±300
R051 – R091
RLP73K2B
±200
R10 – R91



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com