Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFXF0010 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFXF0010
Description  1:1 SMT Transformer 45MHz to 1200MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFXF0010 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFXF0010 Datasheet HTML 1Page - Qorvo, Inc RFXF0010 Datasheet HTML 2Page - Qorvo, Inc RFXF0010 Datasheet HTML 3Page - Qorvo, Inc RFXF0010 Datasheet HTML 4Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140228
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
RFXF0010
1:1 SMT Transformer
45MHz to 1200MHz
The RFXF0010 transformer is designed for applications that
require small, low cost and highly reliable surface mount
components. Applications may be found in broadband, wireless
and other communications systems. These units are built lead-
free and RoHS compliant. S-Parameters are available on request.
Functional Block Diagram
Ordering Information
RFXF0010SB
Sample bag with 5 pieces
RFXF0010SQ
Sample bag with 25 pieces
RFXF0010SR
13" Sample reel with 100 pieces
RFXF0010TR13
13" Reel with 1000 pieces
Package: SP5
Features
■
45MHz to 1200MHz Operation
■
Low Cost and RoHS Compliant
■
Industry Standard SMT Package
■
Available in Tape-and-Reel
■
75
Ω Characteristic Impedance
■
Tertiary Balance Winding
Applications
■
Broadband/CATV
■
Wireless
RFXF0010


Similar Part No. - RFXF0010

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
45MHz to 1200MHz Operation
More results

Similar Description - RFXF0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007748-CT1160 MACOM-MABA-007748-CT1160 Datasheet
89Kb / 3P
1:1 RF Transformer 5-1200MHz
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABA-007748-CT1160 MA-COM-MABA-007748-CT1160 Datasheet
93Kb / 3P
1:1 RF Transformer 5-1200MHz
logo
RF Micro Devices
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
45MHz to 1200MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
45MHz to 1200MHz Operation
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0008H QORVO-RFXF0008H Datasheet
522Kb / 5P
1:2.78 SMT Transformer 45MHz to 1218MHz
RFXF0007 QORVO-RFXF0007 Datasheet
303Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com