Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239FA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC9239FA
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239FA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC9239FA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239FA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
5
MPC9239
Table 6. DC Characteristics (VCC = 3.3 V ± 5%, TA = 0°C to +70°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS Control Inputs (fREF_EXT, PWR_DOWN, XTAL_SEL, P_LOAD, S_LOAD, S_DATA, S_CLOCK, M[0:8], N[0:1]. OE)
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
±200
µA
VIN = VCC or GND
Differential Clock Output fOUT(2)
2. Outputs terminated 50
Ω to VTT = VCC – 2 V.
VOH
Output High Voltage(3)
3. The MPC9239 TEST output levels are compatible to the MC12429 output levels. The MPC9239 is capable of driving 25
Ω loads.
VCC–1.02
VCC–0.74
V
LVPECL
VOL
Output Low Voltage(3)
VCC–1.95
VCC–1.60
V
LVPECL
Test and Diagnosis Output TEST
VOH
Output High Voltage(3)
2.0
V
IOH = –0.8 mA
VOL
Output Low Voltage(3)
0.55
V
IOL = 0.8 mA
Supply Current
ICC_PLL
Maximum PLL Supply Current
20
mA
VCC_PLL Pins
ICC
Maximum Supply Current
62
100
mA
All VCC Pins
Table 7. AC Characteristics (VCC = 3.3 V ± 5%, TA = 0°C to +70°C)(1)
1. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fXTAL
Crystal Interface Frequency Range
10
20
MHz
fVCO
VCO Frequency Range(2)
2. The input frequency fXTAL and the PLL feedback divider M must match the VCO frequency range: fVCO = fXTAL ⋅ 2 ⋅ M.
800
1800
MHz
fMAX
Output Frequency
N = 11 (
÷ 1)
N = 00 (
÷ 2)
N = 01 (
÷ 4)
N = 10 (
÷ 8)
400
300
100
50
900
450
225
112.5
MHz
MHz
MHz
MHz
PWR_DOWN = 0
fS_CLOCK
Serial Interface Programming Clock Frequency(3)
3. The frequency of S_CLOCK is limited to 10 MHz in serial programming mode. S_CLOCK can be switched at higher frequencies when used
as test clock in test mode 6. Refer to the application section for more details.
0
10
MHz
tP,MIN
Minimum Pulse Width
(S_LOAD, P_LOAD)
50
ns
DC
Output Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.05
0.3
ns
20% to 80%
tS
Setup Time
S_DATA to S_CLOCK
S_CLOCK to S_LOAD
M, N to P_LOAD
20
20
20
ns
ns
ns
tS
Hold Time
S_DATA to S_CLOCK
M, N to P_LOAD
20
20
ns
ns
tJIT(CC)
Cycle-to-Cycle Jitter
N = 11 (
÷ 1)
N = 00 (
÷ 2)
N = 01 (
÷ 4)
N = 10 (
÷ 8)
60
90
120
160
ps
ps
ps
ps
tJIT(PER)
Period Jitter
N = 11 (
÷ 1)
N = 00 (
÷ 2)
N = 01 (
÷ 4)
N = 10 (
÷ 8)
40
65
90
120
ps
ps
ps
ps
tLOCK
Maximum PLL Lock Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com