Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5552 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFPA5552
Description  Wi-Fi Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5552 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFPA5552 Datasheet HTML 1Page - Qorvo, Inc RFPA5552 Datasheet HTML 2Page - Qorvo, Inc RFPA5552 Datasheet HTML 3Page - Qorvo, Inc RFPA5552 Datasheet HTML 4Page - Qorvo, Inc RFPA5552 Datasheet HTML 5Page - Qorvo, Inc RFPA5552 Datasheet HTML 6Page - Qorvo, Inc RFPA5552 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RFPA5552
Wi-Fi Power Amplifer
RFPA5552 Data Sheet 022719 | Subject to change without notice
4 of 7
www.qorvo.com
Evaluation Board Schematic and Layout
Bill of Material
Ref. Des.
Value
Description
Manuf.
Part number
-
-
Printed Circuit Board
U1
-
5GHz Wi-Fi Power Amplifier
Qorvo
RFPA5552
C6, C7, C8
10 pF
Capacitor, Chip, 5%, 50V, C0G, 0402
Murata
GRM1555C1H100JA01D
C5
1000 pF
Capacitor, Chip, 10%, 50V, X7R, 0402
Murata
GRM155R71H102KA01D
C1, C2, C3
2.2 µF
Capacitor, Chip, 10%, 6.3V, X5R, 0402
Taiyo Yuden
RM JMK105BJ225KV-F
C4
4.7 µF
Capacitor, Chip, +80/-20%, 10V, Y5V, 0805
Taiyo Yuden
CE LMK212 F475ZG-T
R1
0 Ω
Resistor, Chip, 5%, 1/10W, 0402
Kamaya
RMC1/16SJPTH
R2
-
Do Not Install



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com