Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5201ESB Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFPA5201ESB
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5201ESB Datasheet(HTML) 2 Page - Qorvo, Inc

  RFPA5201ESB Datasheet HTML 1Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 2Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 3Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 4Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 5Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 6Page - Qorvo, Inc RFPA5201ESB Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 7
RFPA5201E
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.5
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
1800
mA
Input RF Power with 50W Output Load
10
dBm
Maximum VSWR with no damage
10:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11b/g/n
Operating Frequency
2412
2484
MHz
Supply Voltage
4.75
5
5.25
V
802.11n HT20 and HT40 MCS7
PA_EN Voltage High
1.75
2.9
5
V
Can be tied to Vreg when using 2.85v min and sources 12mA typ.
PA_EN Voltage Low
0
0.2
V
Turns PA OFF
VREG Voltage High
2.85
2.9
3
V
Can be tied to PA_EN. Requires 12mA typ and 2.85V min
VREG Voltage Low
0
0.2
V
Typical Conditions
VCC = 5.0V, VREG = 2.9V, PA_EN = 2.9V; 11n MCS7 HT20 and
HT40, temperature = 25°C, unless otherwise noted
Output Power
29
dBm
802.11n HT20 and HT40 MCS7
11n Dynamic EVM
2.5
3
%
Second Harmonic
-38
-36
dBm/MHz
At rated POUT
Third Harmonic
-48
-45
dBm/MHz
Gain
31.5
33.5
dB
Gain Variation
+/-1
dB
Over 40MHz channel
+/-2.5
dB
Over temperature of -40°C to +85°C
Power Detect Range
0.1
2.2
V
POUT = 0dBm to 30dBm
Power Detect Voltage
1.8
1.9
2.0
V
At rated POUT
Input Return Loss
-15
-12
dB
In specified frequency band
Output Return Loss
-10
-8
dB
Operating Current
875
1000
mA
At rated POUT
Quiescent Current
350
425
mA
VCC = 5.0, VREG = PA_EN = 2.9V and RF = OFF
PAE (Power Added Efficiency)
18.5
%
At rated POUT (PA only)
Power Down Current
16
mA
PA_EN = 0V, VCC = 5V, VREG = 2.9V
IREG
12
15
mA
VCC=5V, PA_EN = 2.9V, VREG = 2.9V
Leakage Current
0.5
0.7
mA
VCC=5V, VREG = 0V, PA_EN=0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com