Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFOS601X Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFOS601X
Description  GaAs Optical Receiver 45MHz to 1200MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFOS601X Datasheet(HTML) 2 Page - Qorvo, Inc

  RFOS601X Datasheet HTML 1Page - Qorvo, Inc RFOS601X Datasheet HTML 2Page - Qorvo, Inc RFOS601X Datasheet HTML 3Page - Qorvo, Inc RFOS601X Datasheet HTML 4Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RFOS601X
2 of 4
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140306
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+ = 24V; TMB = 30°C; ZL = 75Ω
Responsivity
2400
2650
V/W
f = 1200MHz,
λ = 1310nm
30.0
31.0
dB A/W
Slope
[1]
0
2
dB
f = 45MHz to 1200MHz
Flatness of O/E Response
<0.7
1.0
dB
f = 45MHz to 1200MHz (peak to valley)
Optical Return Loss
45
dB
Output Return Loss
15
17
dB
f = 45MHz to 1200MHz
Equivalent Input Noise
4.2
4.6
pA/
√Hz
f = 50MHz to 1200MHz
Spectral Sensitivity
0.90
A/W
λ = (1310± 20)nm
0.90
A/W
λ = (1550± 20)nm
Optical Wavelength
1290
1600
nm
Total DC Current
245
250
mA
module pin 4 and pin 5 connected to V+
PIN Diode Bias Current
1.5
5
mA
Distortion Data
V+ = 24V; TMB = 30°C; ZL = 75Ω
Second Order Distortion
[2]
-75
-71
dBc
fm = 54MHz; f1 = 187.25MHz; f2 = 133.25MHz
-75
-70
dBc
fm = 446.5MHz; f1 = 97.25MHz; f2 = 349.25MHz
-70
-65
dBc
fm = 548.5MHz; f1 = 109.25MHz; f2 = 439.25MHz
-68
-63
dBc
fm = 746.5MHz; f1 = 133.25MHz; f2 = 613.25MHz
-68
-63
dBc
fm = 854.5MHz; f1 = 133.25MHz; f2 = 721.25MHz
-66
-63
dBc
fm = 986.5MHz; f1 = 133.25MHz; f2 = 853.25MHz
Third Order Distortion
[3]
-78
-75
dBc
fm = 55.25MHz; f1 = 109.25MHz; f2 = 133.25MHz; f3 = 187.25MHz
-78
-75
dBc
fm = 445.25MHz; f1 = 193.25MHz; f2 = 349.25MHz; f3 = 97.25MHz
-78
-75
dBc
fm = 547.25MHz; f1 = 217.25MHz; f2 = 439.2MHz; f3 = 109.25MHz
-78
-75
dBc
fm = 745.25MHz; f1 = 133.25MHz; f2 = 265.25MHz; f3 = 613.25MHz
-78
-75
dBc
fm = 853.25MHz; f1 = 133.25MHz; f2 = 265.25MHz; f3 = 721.25MHz
-78
-75
dBc
fm = 985.25MHz; f1 = 133.25MHz; f2 = 265.25MHz; f3 = 853.25MHz
1. The slope is defined as the difference between the O/E response at the start frequency (45MHz) and the O/E response at the stop frequency
(1200MHz).
2. Two laser test; each laser with 40% OMI; Popt = 1mW (total).
3. Three laser test; each laser with 60% OMI; Popt = 1mW (total).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com