Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5602 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5602 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button RF5602 Datasheet HTML 17Page - Qorvo, Inc RF5602 Datasheet HTML 18Page - Qorvo, Inc RF5602 Datasheet HTML 19Page - Qorvo, Inc RF5602 Datasheet HTML 20Page - Qorvo, Inc RF5602 Datasheet HTML 21Page - Qorvo, Inc RF5602 Datasheet HTML 22Page - Qorvo, Inc RF5602 Datasheet HTML 23Page - Qorvo, Inc RF5602 Datasheet HTML 24Page - Qorvo, Inc RF5602 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
25
26
27
28
29
30
31
32
33
34
35
0
1
2
3
4
5
6
7
8
8
1012
14
16
18
20
22
24
2628
3032
Gain
(dB)
EVM
(%)
POUT (dBm)
Typical WiBro EVM and Gain versus POUT
2.3GHz to 2.4GHz Tune at VCC=5.0 V
5V -2.3GHz
5V -2.35GHz
5V -2.4GHz
5V -2.3GHz
5V -2.35GHz
5V -2.4GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
22
24
26
28
30
32
ICC (A)
POUT(dBm)
Typical WiBro ICC versus POUT
2.35 GHz over temperature
5V +25C
5V +85C
5V -40C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
22
24
26
28
30
32
ICC (A)
POUT (dBm)
Typical WiBro ICC versus POUT
2.3 GHz to 2.4 GHz Tune
5V 2.35GHz
5V 2.4GHz
5V 2.3GHz
27
28
29
30
31
32
33
34
35
36
37
0
1
2
3
4
5
6
7
8
8
101214
16
1820
22
24
2628
3032
Gain
(dB)
EVM
(%)
POUT (dBm)
Typical WiBro EVM and Gain versus POUT
2.35GHz over temperature at VCC= 5.0 V
5V -40C
5V 25C
5V 85C
5V -40C
5V 25C
5V 85C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
22
24
26
28
30
32
PDET
(V)
POUT (dBm)
Typical WiBro PDET versus POUT
2.3GHz to 2.4 GHz Tune at VCC= 5.0V
5V 2.35GHz
5V 2.3GHz
5V 2.4GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
22
24
26
28
30
32
PDET (V)
POUT (dBm)
Typical WiBro PDET versus POUT
2.35 GHz over temperature
5V +25C
5V -40C
5V +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com