Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20200CT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MBRB20200CT
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB20200CT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MBRB20200CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB20200CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Schottky Barrier Rectifier
MBRB20200CT
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
VF
Maximum Instantaneous Forward
Voltage
IF=10A ; Tj=25℃
0.9
V
IF=10A ; Tj= 125℃
0.8
IF=20A ; Tj= 25℃
1.0
IF=20A ; Tj= 125℃
0.9
IR
Maximum Instantaneous Reverse
Current
VR= VRWM;Tj= 25℃
1
mA
VR= VRWM;Tj= 125℃
50
mA
NOTICE:
ISCreservestherightstomakechangesofthecontenthereinthedatasheetatanytime
withoutnotification.Theinformationcontainedhereinispresentedonlyasaguideforthe
applicationsofourproducts.
ISCproductsareintendedforusageingeneralelectronicequipment.Theproductsarenot
designedforuseinequipmentwhichrequirespecializedqualityand/orreliability,orin
equipmentwhichcouldhaveapplicationsinhazardousenvironments,aerospaceindustry,or
medicalfield.Pleasecontactusifyouintendourproductstobeusedinthesespecial
applications.
ISCmakesnowarrantyorguaranteeregardingthesuitabilityofitsproductsforanyparticular
purpose,nordoesISCassumeanyliabilityarisingfromtheapplicationoruseofanyproducts,
and specifically disclaims any and all liability, including without limitation special,
consequentialorincidentaldamages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com