Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6720 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM6720
Description  Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6720 Datasheet(HTML) 4 Page - STMicroelectronics

  STM6720 Datasheet HTML 1Page - STMicroelectronics STM6720 Datasheet HTML 2Page - STMicroelectronics STM6720 Datasheet HTML 3Page - STMicroelectronics STM6720 Datasheet HTML 4Page - STMicroelectronics STM6720 Datasheet HTML 5Page - STMicroelectronics STM6720 Datasheet HTML 6Page - STMicroelectronics STM6720 Datasheet HTML 7Page - STMicroelectronics STM6720 Datasheet HTML 8Page - STMicroelectronics STM6720 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
STM6717/6718/6719/6720/6777/6778/6779*/6780*
4/25
SUMMARY DESCRIPTION
The STM6717/18/19/20 and STM6777/78/79/80
Supervisors are a family of low voltage/low supply
current processor (Micro or DSP) Supervisors, de-
signed to monitor two (or three) system power
supply voltages. They are targeted at applications
such as Set-Top Boxes (STBs), portable, battery-
powered systems, networking, and communica-
tion systems.
All device options have a push-button-type manu-
al reset input (MR). The STM6777/78/79/80 also
includes an option which enables the user to delay
the start of the Manual Reset process from 6µs
(MRC pin left open) or more with external capaci-
tor. The delay is implemented by connecting the
appropriately sized capacitor between the MRC
pin and VSS (typical 4s delay with a 3.3µF capaci-
tor, see Table 7., page 19).
Two of the three supplies monitored (VCC1 and
VCC2) have fixed (customer-selectable, factory-
trimmed) thresholds (VRST1 and VRST2). The third
voltage is monitored using an externally adjust-
able RSTIN threshold (0.626V internal reference).
If any of the three monitored voltages drop below
its factory-trimmed or adjustable thresholds, or if
MR is asserted to logic low, a RST is asserted
(driven low). Once asserted, RST is maintained at
Low for a minimum delay period (trec) after ALL
supplies rise above their respective thresholds
and MR returns to High. These devices are guar-
anteed to be in the correct reset output logic state
when VCC1 and/or VCC2 is greater than 0.8V.
These devices are available in a standard 5-pin or
6-pin SOT23 packages (see Table 1., page 1).
Figure 2. Logic Diagram (STM6717/18)
Figure 3. Logic Diagram (STM6719/20)
Figure 4. Logic Diagram (STM6777/78)
Figure 5. Logic Diagram (STM6779/80)
AI10413
VCC1
STM6717
STM6718
VSS
VCC2
RST
MR
AI10414
VCC1
STM6719
STM6720
VSS
VCC2
RST
RSTIN
MR
AI10415
VCC1
STM6777
STM6778
VSS
VCC2
RST
MRC
MR
AI10416
VCC
STM6779
STM6780
VSS
RST
MRC
RSTIN
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com