Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663116 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663116
Description  SACC-M12MS-5CON-PG 7-M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663116 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663116 Datasheet HTML 1Page - PHOENIX CONTACT 1663116 Datasheet HTML 2Page - PHOENIX CONTACT 1663116 Datasheet HTML 3Page - PHOENIX CONTACT 1663116 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Feb 23, 2010
Extract from the online
catalog
 
SACC-M12MS-5CON-PG 7-M
Order No.: 1663116
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663116
 
 
Sensor/actuator connector, male, straight, 5-pos., M12, A-coded,
screw connection, metal knurl, cable screw connection Pg7
 
Commercial data
EAN
4017918116583
Pack
1 pcs.
Customs tariff
85366990
Weight/Piece
0.02313 KG
Catalog page information
Page 45 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
06/12/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal current IN
4 A
Nominal voltage UN
60 V
Number of positions
5
Volume resistance
≤ 8 mΩ
Insulation resistance
≥ 100 MΩ


Similar Part No. - 1663116

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663129 PHOENIX-1663129 Datasheet
165Kb / 5P
SACC-M12MR-5CON-PG 7-M
More results

Similar Description - 1663116

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1553187 PHOENIX-1553187 Datasheet
259Kb / 6P
Connector - SACC-M12MS-5CON-PG 7-VA
1553190 PHOENIX-1553190 Datasheet
100Kb / 4P
SACC-M12MS-5CON-PG 9-VA
1662968 PHOENIX-1662968 Datasheet
160Kb / 4P
SACC-M12FS-5CON-PG 7-M
1662984 PHOENIX-1662984 Datasheet
164Kb / 5P
SACC-M12FR-5CON-PG 7-M
1662256 PHOENIX-1662256 Datasheet
143Kb / 4P
SACC-M12MS-5CON-PG 7
1662528 PHOENIX-1662528 Datasheet
158Kb / 4P
SACC-M12MS-4CON-PG 7-M
1663129 PHOENIX-1663129 Datasheet
165Kb / 5P
SACC-M12MR-5CON-PG 7-M
1681460 PHOENIX-1681460 Datasheet
158Kb / 4P
SACC-M12MS-5CON-PG 9-M
1693416 PHOENIX-1693416 Datasheet
168Kb / 5P
SACC-M12MS-5CON-PG 7-SH
1500774 PHOENIX-1500774 Datasheet
574Kb / 15P
SACC-M12MS-5CON-PG 9 - Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com