Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F001A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F001A
Description  1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F001A Datasheet HTML 1Page - ATMEL Corporation AT49F001A Datasheet HTML 2Page - ATMEL Corporation AT49F001A Datasheet HTML 3Page - ATMEL Corporation AT49F001A Datasheet HTML 4Page - ATMEL Corporation AT49F001A Datasheet HTML 5Page - ATMEL Corporation AT49F001A Datasheet HTML 6Page - ATMEL Corporation AT49F001A Datasheet HTML 7Page - ATMEL Corporation AT49F001A Datasheet HTML 8Page - ATMEL Corporation AT49F001A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
AT49F001A(N)(T)
3365C–FLASH–9/03
When the device is deselected, the CMOS standby current is less than 50 µA. For the
AT49F001AN(T), pin 1 for the PLCC package and pin 9 for the TSOP package are no connect
pins.
To allow for simple in-system reprogrammability, the AT49F001A(N)(T) does not require high
input voltages for programming. Five-volt-only commands determine the read and program-
ming operation of the device. Reading data out of the device is similar to reading from an
EPROM; it has standard CE, OE, and WE inputs to avoid bus contention. Reprogramming the
AT49F001A(N)(T) is performed by erasing a block of data and then programming on a byte by
byte basis. The byte programming time is a fast 30 µs. The end of a program cycle can be
optionally detected by the DATA polling feature. Once the end of a byte program cycle has
been detected, a new access for a read or program can begin. The typical number of program
and erase cycles is in excess of 10,000 cycles.
The device is erased by executing the erase command sequence; the device internally con-
trols the erase operations. There are two 8K byte parameter block sections, two main memory
blocks, and one boot block.
The device has the capability to protect the data in the boot block; this feature is enabled by a
command sequence. The 16K-byte boot block section includes a reprogramming lock out fea-
ture to provide data integrity. The boot sector is designed to contain user secure code, and
when the feature is enabled, the boot sector is protected from being reprogrammed.
In the AT49F001A(N)(T), once the boot block programming lockout feature is enabled, the
contents of the boot block are permanent and cannot be changed. In the AT49F001A(T), once
the boot block programming lockout feature is enabled, the contents of the boot block cannot
be changed with input voltage levels of 5.5 volts or less.
Block Diagram
CONTROL
LOGIC
Y DECODER
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
OE
WE
CE
RESET
ADDRESS
INPUTS
VCC
GND
AT49F001A(N)T
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
X DECODER
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(32K BYTES)
MAIN MEMORY
BLOCK 2
(64K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
1FFFF
1C000
1BFFF
1A000
19FFF
18000
17FFF
10000
0FFFF
00000
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
AT49F001A(N)
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(32K BYTES)
MAIN MEMORY
BLOCK 2
(64K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
1FFFF
10000
0FFFF
08000
07FFF
06000
05FFF
04000
03FFF
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com