Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CS512 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24CS512
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512 Datasheet(HTML) 2 Page - Microchip Technology

  24CS512 Datasheet HTML 1Page - Microchip Technology 24CS512 Datasheet HTML 2Page - Microchip Technology 24CS512 Datasheet HTML 3Page - Microchip Technology 24CS512 Datasheet HTML 4Page - Microchip Technology 24CS512 Datasheet HTML 5Page - Microchip Technology 24CS512 Datasheet HTML 6Page - Microchip Technology 24CS512 Datasheet HTML 7Page - Microchip Technology 24CS512 Datasheet HTML 8Page - Microchip Technology 24CS512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
24CS512
DS20005769C-page 2
 2018-2021 Microchip Technology Inc.
Description
The Microchip Technology Inc. 24CS512 provides
512 Kbits of Serial EEPROM, utilizing an I2C (two-wire)
serial interface with 3.4 MHz High-Speed mode
capability. The device is organized as 65,536 bytes of
8 bits each (64 Kbytes) and is optimized for use in
consumer and industrial applications where reliable
and dependable nonvolatile memory storage is
essential. The 24CS512 allows up to eight devices to
share a common I2C (two-wire) bus and is capable of
operation across a broad voltage range (1.7V to 5.5V).
The 24CS512 features a 2-Kbit Security register, sepa-
rate from the 512-Kbit memory array. The first half of the
Security register is read-only and contains a factory-pro-
grammed, ensured unique, 128-bit serial number in the
first 16 bytes. The 128-bit serial number is unique across
the entire CS series of Serial EEPROM products and
eliminates the time-consuming step of performing and
ensuring serialization of a product on a manufacturing
line. The 128-bit read-only serial number is followed by
an additional 1 Kbit (128 bytes) of user-programmable
EEPROM. The user-programmable section of the Secu-
rity register can later be permanently write-protected via
a software sequence.
The device also contains a Configuration register,
which allows the write protection behavior to be
configured for legacy hardware write protection or
enhanced software write protection which allows the
user to protect any of the eight independent 64-Kbit
zones. Once the desired configuration is set, the
Configuration register can be permanently locked,
thereby preventing any further changes to the device
operation.
For added reliability, the 24CS512 utilizes a built-in
Error Correction Code (ECC) scheme. This scheme
can correct up to one incorrectly read bit within a
four-byte read out. Additionally, the Configuration
register includes a read-only ECC State bit (ECS) that
is set when ECC is invoked.
The 24CS512 supports the I2C Manufacturer Identifica-
tion (ID) command which will return a unique value for
the 24CS512, allowing easy identification within the
application.
System Configuration Using Serial EEPROMs
I2C MCU
Client 0
24CSXXX
RPUP(max) =
tR(max)
0.8473
 CL
RPUP(min) =
VCC – VOL(max)
IOL
VCC
VSS
VCC
SCL
SDA
WP
A0
A1
A2
VSS
VCC
WP
SDA
SCL
Client 1
24CSXXX
A0
A1
A2
VSS
VCC
WP
SDA
SCL
Client 7
24CSXXX
A0
A1
A2
VSS
VCC
WP
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com