Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CS512-E/SN Datasheet(PDF) 32 Page - Microchip Technology

Part # 24CS512-E/SN
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512-E/SN Datasheet(HTML) 32 Page - Microchip Technology

Back Button 24CS512-E/SN Datasheet HTML 28Page - Microchip Technology 24CS512-E/SN Datasheet HTML 29Page - Microchip Technology 24CS512-E/SN Datasheet HTML 30Page - Microchip Technology 24CS512-E/SN Datasheet HTML 31Page - Microchip Technology 24CS512-E/SN Datasheet HTML 32Page - Microchip Technology 24CS512-E/SN Datasheet HTML 33Page - Microchip Technology 24CS512-E/SN Datasheet HTML 34Page - Microchip Technology 24CS512-E/SN Datasheet HTML 35Page - Microchip Technology 24CS512-E/SN Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
24CS512
DS20005769C-page 32
 2018-2021 Microchip Technology Inc.
10.3
Write Operations in the Security
Register
The Security register supports byte writes, page writes
and partial page writes in the upper 128 bytes of the
region. Page writes and partial page writes in the Secu-
rity register have the same page boundary restrictions
and behavior as they do in the EEPROM region (see
Section 6.2 “Page Write”).
Writing in this region requires beginning the device
address byte with ‘1011b’ (Bh), matching the hardware
client address bits (A2, A1, A0) to their corresponding
device address input pins and sending a logic ‘0’ to the
Read/Write Select (R/W) bit. Following the device
address byte, the word address bytes must be sent to
the device. Bits A15 and A10 must be set to logic ‘0’
and bit A11 must be set to logic ‘1’. Figure 10-2 illus-
trates a byte write operation in the Security register. If
an attempt is made to write to the Security register with
the WP pin held high or after the Security register has
been locked, no write cycle will occur, no data will be
written and the device will immediately accept a new
command.
FIGURE 10-2:
BYTE WRITE IN THE SECURITY REGISTER
Note:
Enhanced software write protection does
not affect write operations to the Security
register.
MSb
MSb
1
2
3
4
5
6789
1
2
3
4
5
6
7
8
9
Device Address Byte
Word Address – Byte 0
10
1
1
0
00
x
x
x
A2 A1 A0
1
0
xx0
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
1
2
3
4
56
7
8
9
12
3
4
5
6
7
8
9
Word Address – Byte 1
Data Byte
1A6 A5 A4
0
A0
D7 D6 D5 D4
A3 A2 A1
D3 D2 D1 D0 0
ACK
from
Client
ACK
from
Client
Stop by
Host
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com