Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA663211 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATA663211
Description  LIN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663211 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATA663211 Datasheet HTML 17Page - Microchip Technology ATA663211 Datasheet HTML 18Page - Microchip Technology ATA663211 Datasheet HTML 19Page - Microchip Technology ATA663211 Datasheet HTML 20Page - Microchip Technology ATA663211 Datasheet HTML 21Page - Microchip Technology ATA663211 Datasheet HTML 22Page - Microchip Technology ATA663211 Datasheet HTML 23Page - Microchip Technology ATA663211 Datasheet HTML 24Page - Microchip Technology ATA663211 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2019-2021 Microchip Technology Inc.
DS20006191D-page 21
ATA663211
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
2.50
1.70
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.80
0.35
Microchip Technology Drawing C04-23358 Rev C
NOM
8-Lead Very Thin Plastic Dual Flat, No Lead Package (Q8B) - 3x3 mm Body [VDFN]
12
8
C
Contact Pad Spacing
3.00
Contact Pad to Center Pad (X8)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 2.40x1.60 mm Exposed Pad and Stepped Wettable Flanks
C
E
X1
Y1
Y2
EV
ØV
G1
SILK SCREEN
EV
X2
Pin 1 Index Chamfer
CH
0.20
Contact Pad to Contact Pad (X6)
G2
0.20
G2
CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com