Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2111FX Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2111FX
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2111FX Datasheet(HTML) 2 Page - STMicroelectronics

  ST2111FX Datasheet HTML 1Page - STMicroelectronics ST2111FX Datasheet HTML 2Page - STMicroelectronics ST2111FX Datasheet HTML 3Page - STMicroelectronics ST2111FX Datasheet HTML 4Page - STMicroelectronics ST2111FX Datasheet HTML 5Page - STMicroelectronics ST2111FX Datasheet HTML 6Page - STMicroelectronics ST2111FX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1 Electrical Ratings
ST2111FX
2/7
1
Electrical Ratings
Table 1.
Absolute Maximum Rating
Table 2.
Thermal Data
Symbol
Parameter
Value
Unit
VCES
Collector-Base Voltage (vBE = 0)
1500
V
VCEO
Collector-Emitter Voltage (IB = 0)
700
V
VEBO
Collector-Base Voltage (IC = 0)
7V
IC
Collector Current
12
A
ICM
Collector Peak Current (tP < 5ms)
25
A
IB
Base Current
7
A
PTOT
Total dissipation at Tc = 25°C
65
W
Visol
Insulation Withstand Voltage (RMS) from All Three Leads to
External Heatsink
2500
V
TSTG
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Unit
RthJ-case
Thermal Resistance Junction-Case____________________Max
1.9
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com