Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL071 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL071
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL071 Datasheet(HTML) 3 Page - Texas Instruments

  TL071 Datasheet HTML 1Page - Texas Instruments TL071 Datasheet HTML 2Page - Texas Instruments TL071 Datasheet HTML 3Page - Texas Instruments TL071 Datasheet HTML 4Page - Texas Instruments TL071 Datasheet HTML 5Page - Texas Instruments TL071 Datasheet HTML 6Page - Texas Instruments TL071 Datasheet HTML 7Page - Texas Instruments TL071 Datasheet HTML 8Page - Texas Instruments TL071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
• Added D, DCK, and DBV package thermal information in Thermal Information for Single Channel: TL071H
section.............................................................................................................................................................. 13
• Added D, DDF, and PW package thermal information in Thermal Information for Dual Channel: TL072H
section.............................................................................................................................................................. 14
• Added IB and IOS specification for single channel DCK and DBV package...................................................... 17
• Added IQ spec for TL071H................................................................................................................................17
• Deleted Related Links section from the Device and Documentation Support section......................................45
Changes from Revision O (October 2020) to Revision P (November 2020)
Page
• Added SOIC and TSSOP package thermal information in Thermal Information for Quad Channel: TL074H
section ........................................................................................................................................................... 15
• Added Typical Characteristics:TL07xH section in Specifications section......................................................... 26
Changes from Revision N (July 2017) to Revision O (October 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Features of TL07xH added to the Features section........................................................................................... 1
• Added link to applications in the Applications section........................................................................................ 1
• Added TL07xH in the Description section...........................................................................................................1
• Added TL07xH device in the Device Information section................................................................................... 1
• Added SOT-23 (14), VSSOP (8), SOT-23 (8), SC70 (5), and SOT-23 (5) packages to the Device Information
section................................................................................................................................................................ 1
• Added TSSOP, VSSOP and DDF packages to TL072x in Pin Configuration and Functions section................. 5
• Added DYY package to TL074x in Pin Configuration and Functions section..................................................... 5
• Removed Table of Graphs from the Typical Characteistics section..................................................................33
• Deleted reference to obsolete documentation in Layout Guidelines section.................................................... 43
• Removed Related Documentation section....................................................................................................... 45
Changes from Revision M (February 2014) to Revision N (July 2017)
Page
• Updated data sheet text to latest documentation and translation standards...................................................... 1
• Added TL072M and TL074M devices to data sheet .......................................................................................... 1
• Rewrote text in Description section ................................................................................................................... 1
• Changed TL07x 8-pin PDIP package to 8-pin CDIP package in Device Information table ............................... 1
• Deleted 20-pin LCCC package from Device Information table .......................................................................... 1
• Added 2017 copyright statement to front page schematic..................................................................................1
• Deleted TL071x FK (LCCC) pinout drawing and pinout table in Pin Configurations and Functions section ..... 5
• Updated pinout diagrams and pinout tables in Pin Configurations and Functions section ................................ 5
• Deleted differential input voltage parameter from Absolute Maximum Ratings table ...................................... 12
• Deleted table notes from Absolute Maximum Ratings table ............................................................................ 12
• Added new table note to Absolute Maximum Ratings table ............................................................................ 12
• Changed minimum supply voltage value from –18 V to –0.3 V in Absolute Maximum Ratings table...............12
• Changed maximum supply voltage from 18 V to 36 V in Absolute Maximum Ratings table............................ 12
• Changed minimum input voltage value from –15 V to VCC– – 0.3 V in Absolute Maximum Ratings table....... 12
• Changed maximum input voltage from 15 V to VCC– + 36 V in Absolute Maximum Ratings table...................12
• Added input clamp current parameter to Absolute Maximum Ratings table ....................................................12
• Changed common-mode voltage maximum value from VCC+ – 4 V to VCC+ in the Recommended Operating
Conditions table................................................................................................................................................ 13
• Changed devices in Recommended Operating Conditions table from TL07xA and TL07xB to TL07xAC and
TL07xBC ..........................................................................................................................................................13
• Added TL07xI operating free-air temperature minimum value of –40°C to Recommended Operating
Conditions table ............................................................................................................................................... 13
• Added U (CFP) package thermal values to Thermal Information: TL072x (cont.) table................................... 15
• Added W (CFP) package thermal values to Thermal Information: TL074x (cont.) table.................................. 16
www.ti.com
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080S – SEPTEMBER 1978 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A
TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com