Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG528 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG528 Datasheet HTML 1Page - Vishay Siliconix DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DG528/529
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-2
Document Number: 70068
P-32167—Rev. C, 15-Nov-93
TRUTH TABLES AND ORDERING INFORMATION
TRUTH TABLE
DG528
8-Channel Single-Ended Multiplexer
A2
A1
A0
EN
WR
RS
On Switch
Latching
X
X
X
X
1
Maintains previous
switch condition
Reset
X
X
X
X
X
0
None (latches cleared)
Transparent Operation
X
X
X
0
0
1
None
0
0
0
1
0
1
1
0
0
1
1
0
1
2
0
1
0
1
0
1
3
0
1
1
1
0
1
4
1
0
0
1
0
1
5
1
0
1
1
0
1
6
1
1
0
1
0
1
7
1
1
1
1
0
1
8
TRUTH TABLE
DG529
Differential 4-Channel Multiplexer
A0
EN
WR
RS
On Switch
Latching
X
X
1
Maintains previous
switch condition
Reset
X
X
X
0
None (latches cleared)
Transparent Operation
X
0
0
1
None
0
1
0
1
1
1
1
0
1
2
0
1
0
1
3
1
1
0
1
4
Logic “0” = VAL v 0.8 V
Logic “1” = VAH w 2.4 V
X = Don’t Care
ORDERING INFORMATION
DG528
Temp Range
Package
Part Number
0 to 70
_C
18-Pin Plastic DIP
DG528CJ
0 to 70
_C
20-Pin PLCC
DG528DN
–25 to 85
_C
18 Pi C DIP
DG528BK
55
125 C
18-Pin CerDIP
DG528AK
–55 to 125
_C
18-Pin CerDIP
DG528AK/883
5962-8768901VA
ORDERING INFORMATION
DG529
Temp Range
Package
Part Number
0 to 70
_C
18-Pin Plastic DIP
DG529CJ
–25 to 85
_C
18-Pin CerDIP
DG529BK
–55 to 125
_C
18-Pin CerDIP
DG529AK/883
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2 V or
. . . . . . . . . . . . . . . . . . . . . . . .
30 mA, whichever occurs first
Current (Any Terminal Except S or D)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AK, BK Suffix)
–65 to 150
_C
. . . . . . . . . . . . . .
(CJ, DN Suffix)
–65 to 125
_C
. . . . . . . . . . . . . .
Power Dissipation (Package)b
18-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
18-Pin CerDIPd
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
20-Pin PLCCe
800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads soldered or welded to PC board.
c.
Derate 6.3 mW/
_C above 75_C.
d.
Derate 1.2 mW/
_C above 75_C.
e.
Derate 10 mW/
_C above 75_C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com