Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC210 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SC210
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC210 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SC210 Datasheet HTML 1Page - M-System Co.,Ltd. SC210 Datasheet HTML 2Page - M-System Co.,Ltd. SC210 Datasheet HTML 3Page - M-System Co.,Ltd. SC210 Datasheet HTML 4Page - M-System Co.,Ltd. SC210 Datasheet HTML 5Page - M-System Co.,Ltd. SC210 Datasheet HTML 6Page - M-System Co.,Ltd. SC210 Datasheet HTML 7Page - M-System Co.,Ltd. SC210 Datasheet HTML 8Page - M-System Co.,Ltd. SC210 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MODEL: SC210
SC210 SPECIFICATIONS
ES-6340 Rev.18 Page 1/14
http://www.m-system.co.jp/
Single Loop Controller Series
MULTI-FUNCTION PID CONTROLLER
(color LCD with touch-panel, MV output backup,
Modbus/NestBus communication)
144
(5.67)
72
(2.83)
mm (inch)
*Selectable with option code
*
MODEL: SC210-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: SC210-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. SC210-11-M2/3/M2/E/1/T/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] DISCRETE OUTPUT
1: Relay contact
2: Photo MOSFET relay
[2] MODBUS
1: Modbus-RTU
2: Modbus/TCP
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Housing Depth (must be specified)
/300: 300 mm (Discontinued, select /3)
/400: 400 mm (Discontinued, select /4)
/3: 300 mm
/4: 400 mm
Backup Module Power Supply
blank: Single supply
/M2: 100 – 240 V AC (dual supply)
(Operational voltage range 85 – 264 V AC; 50/60 Hz)
/R: 24 V DC (dual supply)
(Operational voltage range 24 V DC ±10 %;
ripple 10 %p-p max.)
Control/Backup modules are powered from common terminals
with 'single' supply type; powered from independent
terminals with 'dual' supply type.
Language
blank: Japanese
/E: English
(Language (Japanese or English) can be chosen by front
panel setting.)
Configurator Interface
blank: Infrared
/1: Stereo jack
(If external noise interference is a concern, stereo jack
type is recommended.)
Terminal block
blank: One block terminal
/T: Separable terminal
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
FUNCTIONS & FEATURES
Functions & Features
• Color LCD with touch panel
• Five Operation views (digital display, bargraph, dual-loop
bargraph, short trend and user's parameter table views)
• Enhanced screen functions for engineering (configuration,
programming and tuning views)
• Universal input x 2 points, analog input x 4 points,
discrete input x 6 points, pulse input x 5 points, high speed
pulse input x 1 point


Similar Part No. - SC210

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2101 FAIRVIEW-SC2101 Datasheet
451Kb / 3P
SMB Plug Open Circuit Connector Cap With 2.56 Inch Chain
REV 2.0
SC2102 FAIRVIEW-SC2102 Datasheet
445Kb / 3P
SC2102 DATA SHEET SMB Plug Open Circuit Connector Cap
REV 2.0
SC2103 FAIRVIEW-SC2103 Datasheet
448Kb / 3P
SMB Jack Open Circuit Connector Cap With 2.56 Inch Chain
REV 2.0
SC2104 FAIRVIEW-SC2104 Datasheet
443Kb / 3P
SC2104 DATA SHEET SMB Jack Open Circuit Connector Cap
REV 2.0
logo
SEC Electronics Inc.
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results

Similar Description - SC210

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
Ethernet-based Dual-loop PID Controller
logo
Red Lion Controls. Inc
PXU10020 REDLION-PXU10020 Datasheet
564Kb / 3P
PXU PID Controller
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200D MSYSTEM-SC200D Datasheet
419Kb / 11P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
Single Loop Controller Series
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
Ethernet-based Dual-loop PID Controller
13-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com