Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC210W Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SC210W
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC210W Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SC210W Datasheet HTML 1Page - M-System Co.,Ltd. SC210W Datasheet HTML 2Page - M-System Co.,Ltd. SC210W Datasheet HTML 3Page - M-System Co.,Ltd. SC210W Datasheet HTML 4Page - M-System Co.,Ltd. SC210W Datasheet HTML 5Page - M-System Co.,Ltd. SC210W Datasheet HTML 6Page - M-System Co.,Ltd. SC210W Datasheet HTML 7Page - M-System Co.,Ltd. SC210W Datasheet HTML 8Page - M-System Co.,Ltd. SC210W Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MODEL: SC210W
SC210W SPECIFICATIONS
ES-6347 Rev.0 Page 2/13
http://www.m-system.co.jp/
• Loop Configuration Builder Software (model: SFEW3E) for
function parameter setting, list printing and data
downloading/uploading
• PC Configurator Software (model: SCCFG) for exporting
short trend data (CSV), and storing/transferring display
parameter setting
• Control and supervision by SCADA software via Modbus
TCP/IP or RTU communication
• Backup module (applicable to Mv2 only) is incorporated
for manual loading: MV output is automatically switched to
manual control in case of control module abnormality
• Independently powered and controlled backup module
• Easy extraction of control module at the front for
replacement while MV output is maintained
• Housing with selectable depth enabling use of existing
wires at replacement: 300 mm and 400 mm
• Separable terminal block
• Expansion of operations blocks due to Expansion module
Typical Applications
• Replacement of conventional controllers
• Panel operation for small-scale instrumentation
RELATED PRODUCTS
• PC Configurator cable (model: COP-US)
• Loop configuration builder software (model: SFEW3E Ver.
1.101 or later)
• PC configurator software (model: SCCFG Ver.1.84 or later)
Builder software and configurator software are
downloadable at M-System’s web site.
ACCESSORIES
• Precision resistor module (model: REM4): 2 units
• Cold junction compensation sensor: 2 pcs
• Mounting brackets: 2 pcs
• Connector adapter: 1 pce
(The jack on the unit and the plug of PC Configurator cable
(not included in the product) are different in size.)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP55; ensured for the front panel of
the unit independently mounted to a panel
Connection
Terminal screws: M3.5 screw terminals (torque 1.0 N·m)
Terminal fixing screws: M4 screw terminals
(torque 1.2 N·m)
Backup module power supply terminal (option /M2, /R):
Euro terminal block (wire dia. 2.4 max., 0.5 – 2.5 mm2,
stripped length 10 mm)
Ethernet: RJ-45 Modular Jack
Screw terminal
Terminal screws: Nickel-plated steel (standard) or stainless
steel
Terminal fixing screws: Chrome-plated steel
Housing material: Flame-resistant resin (gray), steel
Isolation: Pv1 to Pv2 to supply output to Ai1 or Ai2 or Ai3 or
Ai4 to Di1 or Di2 or Di3 or Di4 or Di5 or Pi1 or Pi2 or Pi3 or
Pi4 or Pi5 to Di6 or Pi6 to Mv1 to Mv2 or Mv2B to Ao1 or Ao2
to Do1 to Do2 to Do3 to Do4 to Do5 to Do6 to NestBus to
Modbus-RTU to Modbus/TCP to power to backup module
power to FG
PID control: Single loop, cascade, advanced
Proportional band (P): 1 to 1000 %
Integral time (I): 0.01 to 100 minutes
Derivative time (D): 0.01 to 10 minutes
Auto-tuning: Limit cycle method
Alarm: PV high & low, deviation, rate of change
Computation: 48 functions blocks available for arithmetic
operations, time functions, signal selection, limit, alarm and
other functions
Sequence operation: Logic sequence and step sequence
(max. 1068 commands)
Computation cycle: 100 msec. to 3 sec. (control cycle
selectable among 1, 2, 4, 8, 16, 32 and 64 times of the
computation cycle)
MV output range: -15 - +115 %
Parameter setting: With touch panel or PC (Loop
Configuration Builder Software model: SFEW3E)
Self diagnostics: CPU monitoring with a watchdog timer
RUN contact: OFF in error detected by diagnostic (including
NestBus)
Short trend
Storing interval: 1, 2, 5, 10, 20, 30 sec.,
1, 2, 5, 10, 30, 60 min.
Capacity: 400 points (display 200 points)
■ Display
Display device: 4.3-inch TFT LCD
Display colors: 256
Resolution: 480 × 272 pixels
Pixel pitch: 0.198 × 0.198 mm (128 × 128 DPI)
Backlight: LED
Backlight life: Approx. 50 000 hours (at 50 % brightness)
Note: The backlight can be replaced in M-System factory.
The LCD must be replaced at the same time.
Screen saver standby time: 1 to 99 minutes
Scaling range: -32000 to +32000
Decimal point position: 10-1, 10-2, 10-3, 10-4, 10-5 or none
Scale divisions: 2 to 10
Engineering unit indication: Max. 8 characters
Auto/Man indicator: Green/Amber LED
Backup mode MV output setting indicator: Blue LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com