Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3EX Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # TR3EX
Description  ETHERNET INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR3EX Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  TR3EX Datasheet HTML 1Page - M-System Co.,Ltd. TR3EX Datasheet HTML 2Page - M-System Co.,Ltd. TR3EX Datasheet HTML 3Page - M-System Co.,Ltd. TR3EX Datasheet HTML 4Page - M-System Co.,Ltd. TR3EX Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: TR3EX
http://www.m-system.co.jp/
TR3EX SPECIFICATIONS
ES-8632 Rev.0 Page 1/5
ETHERNET INTERFACE MODULE
(Modbus/TCP, use with TR30)
Functions & Features
· Ethernet interface module (Modbus/TCP) dedicated to
TR30. Using combination with remote I/O R3 Series.
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: TR3EX-R
ORDERING INFORMATION
Code number: TR3EX-R
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules.
Not selectable for dual network.
RELATED PRODUCTS
• Remote I/O R3 series
• PC configurator software (model: R3CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Ethernet: RJ-45 Modular Jack
Internal bus or internal power: Via the Installation Base
(model: R3-BSx)
Power input, RUN contact output: M3 screw terminal
(torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: Ethernet to internal bus or internal power to power
supply to RUN contact output to FG
Input error data: Input value setting at input module error
with side DIP SW
Main/Sub setting: Set with the side DIP switch
Slot assignment: Set with the side DIP switch
RUN indicator: Bi-color (green/red) LED; green in normal
communications; red when receiving (Function selected
with DIP SW)
ERR indicator: Bi-color (green/red) LED; the green ON/ blinks
in communication errors; red when transmitting (Function
selected with DIP SW)
■ RUN CONTACT OUTPUT
RUN contact: Turns ON while the green RUN LED is ON
(Ethernet in normal communication).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Max. 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
ETHERNET COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: Modbus/TCP
Data: RTU (Binary)
Max. number of socket connections: 2
Transmission media: 10BASE-T (STP, Category 5) 100BASE-
TX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
Ethernet indicator LED: LINK, DPLX, LINK10, LINK100, COL
IP address: 192.168.0.1 (factory setting);
Selectable with PC Configurator Software (model: R3CON)
Port No.: 502
INSTALLATION
Power consumption
•DC: Approx. 12 W
Output current: 250 mA continuous at 20 V DC; 400 mA for
10 minutes
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (Ethernet to
internal bus or internal power to power input to RUN contact
output to FG)


Similar Part No. - TR3EX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3E106 VISHAY-TR3E106 Datasheet
149Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
22-Apr-08
TR3E107 VISHAY-TR3E107 Datasheet
149Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
22-Apr-08
TR3E107K010C0100 VISHAY-TR3E107K010C0100 Datasheet
624Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
26-Oct-17
TR3E107K010C0125 VISHAY-TR3E107K010C0125 Datasheet
624Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
26-Oct-17
TR3E107K010C0150 VISHAY-TR3E107K010C0150 Datasheet
624Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
26-Oct-17
More results

Similar Description - TR3EX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82C501AD INTEL-82C501AD Datasheet
1Mb / 18P
ETHERNET SERIAL INTERFACE
logo
MUSIC Semiconductors
MU9C8328 MUSIC-MU9C8328 Datasheet
96Kb / 16P
Ethernet Interface
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
Ethernet Interface
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Festo Corporation.
8086610 FESTO-8086610 Datasheet
89Kb / 2P
EtherNet/IP interface
logo
M-System Co.,Ltd.
R6N-E1 MSYSTEM-R6N-E1 Datasheet
232Kb / 6P
Remote I/O R6 Series ETHERNET INTERFACE MODULE
R6N-E2 MSYSTEM-R6N-E2 Datasheet
242Kb / 6P
Remote I/O R6 Series ETHERNET INTERFACE MODULE
R3-NE1 MSYSTEM-R3-NE1 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R5-NE1 MSYSTEM-R5-NE1 Datasheet
223Kb / 6P
Remote I/O R5 Series ETHERNET INTERFACE MODULE
R6-NE1 MSYSTEM-R6-NE1 Datasheet
232Kb / 6P
Remote I/O R6 Series ETHERNET INTERFACE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com