Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # TSN
Description  Super-mini Two-wire Signal Conditioners T-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TSN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  TSN Datasheet HTML 1Page - M-System Co.,Ltd. TSN Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: TSN
TSN SPECIFICATIONS
ES-3319 Rev.7 Page 1/2
http://www.m-system.co.jp/
Super-mini Two-wire Signal Conditioners T-UNIT
INPUT LOOP POWERED ISOLATOR
Functions & Features
• Loop-powered design eliminates output loop power supply
• 500 V DC input-to-output isolation
• Highdensity mounting
Typical Applications
• Isolation between control room and field instrumentation,
between telemetering system and input device
• Eliminates ground problems in existing systems thanks to
easiness of application without requiring additional power
wiring
25 (.98)
70
(2.76)
60
(2.36)
mm (inch)
MODEL: TSN–[1]
ORDERING INFORMATION
• Code number: TSN-[1]
Specify a code from below for [1].
(e.g. TSN-H6)
[1] INPUT / OUTPUT
blank: 4 – 20 mA DC / 1 – 5 V DC
H6: 10 – 50 mA DC / 1 – 5 V DC
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: Euro type terminal
(applicable wire size: 0.25 to 1.5 mm2, stripped length
7 mm)
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT & OUTPUT
■ Input 4 – 20 mA DC / OUTPUT 1 – 5 V DC
Equivalent input impedance: Approx. 250 Ω with 20 mA
input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: 50 kΩ min.
■ Input 10 – 50 mA DC / OUTPUT 1 – 5 V DC
Equivalent input impedance: Approx. 100 Ω with 50 mA
input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: 50 kΩ minimum
•INPUT 4 – 20 mA DC / OUTPUT 1 – 5 V DC
INPUT CURRENT [mA]
4
12
20
5.0
approx.
3.7
3.0
approx. 5.0
4.0
•INPUT 10 – 50 mA DC / OUTPUT 1 – 5 V DC
INPUT CURRENT [mA]
10
30
50
5.0
approx.
3.7
3.0
approx. 5.0
4.0
INSTALLATION
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 120 g (0.26 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (input to output)


Similar Part No. - TSN

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TSN-G5004 MOXA-TSN-G5004 Datasheet
708Kb / 5P
4G-port full Gigabit managed Ethernet switch
TSN-G5008 MOXA-TSN-G5008 Datasheet
780Kb / 5P
8G-port full Gigabit managed Ethernet switch
logo
TRACO Electronic AG
TSN1 TRACOPOWER-TSN1 Datasheet
864Kb / 4P
Non-Isolated DC/DC Converter (POL) TSN 1 Series, 1 A
Rev. November 30, 2022
TSN1-24120 TRACOPOWER-TSN1-24120 Datasheet
864Kb / 4P
Non-Isolated DC/DC Converter (POL) TSN 1 Series, 1 A
Rev. November 30, 2022
TSN1-24150 TRACOPOWER-TSN1-24150 Datasheet
864Kb / 4P
Non-Isolated DC/DC Converter (POL) TSN 1 Series, 1 A
Rev. November 30, 2022
More results

Similar Description - TSN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6AC MSYSTEM-6AC Datasheet
101Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6BFN MSYSTEM-6BFN Datasheet
111Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
6BLC MSYSTEM-6BLC Datasheet
116Kb / 3P
Field-mounted Two-wire Signal Conditioners 6B-UNIT
B5MS MSYSTEM-B5MS Datasheet
105Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS MSYSTEM-B5RS Datasheet
109Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5SN MSYSTEM-B5SN Datasheet
98Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5TS MSYSTEM-B5TS Datasheet
118Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5VS MSYSTEM-B5VS Datasheet
110Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
TVS MSYSTEM-TVS Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com