Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # TVS
Description  Super-mini Two-wire Signal Conditioners T-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TVS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  TVS Datasheet HTML 1Page - M-System Co.,Ltd. TVS Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: TVS
TVS SPECIFICATIONS
ES-3318 Rev.3 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
EURO TYPE
TERMINALS
DIN RAIL
35mm wide
18 (.70)
25 (.98)
60 (2.36)
4 (.15)
3.3 (.12)
70 (2.76)
2–4.4 (.17) dia.
MTG HOLE
1
2
3
4
5
6
7
8
•When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
S
Z
Low Drift
Amplifier
Output
Driver
2
1
+
–
mA
MONITOR
+
–
+
–
INPUT
3
4
5
6
+
–
LOAD
8
7
OUTPUT
24V DC
4 – 20mA DC
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com