Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-R-J Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # TM-R-J
Description  CONTACT TELEMETERING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TM-R-J Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  TM-R-J Datasheet HTML 1Page - M-System Co.,Ltd. TM-R-J Datasheet HTML 2Page - M-System Co.,Ltd. TM-R-J Datasheet HTML 3Page - M-System Co.,Ltd. TM-R-J Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMR / TMT
ES-5221 Rev.9
Specifications subject to change without notice.
INSTALLATION
Power input
AC:
rating ±10%, 50/60 ±2 Hz, approx. 2VA
DC:
rating ±10% (ripple 10% p-p max.)
approx. 80mA at 24V
approx. 160mA at 12V
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: surface or DIN rail
Dimensions: W50×H80×D123 mm (1.97"×3.15"×4.84")
Weight:
350 g (0.77 lbs)
PERFORMANCE
Response time: ≤10 millisec.
Line voltage effect: ±0.1% over voltage range
Insulation resistance: ≥100MΩ with 500V DC
Dielectric strength: 1000V AC @1 minute
(input to output or power)
2000V AC @1 minute (output to ground)
P. 2 / 4
EXPLANATIONS
■AVAILABLE NTT LINE
Among the several circuit lines opened by NTT (Nip-
pon Telephone & Telegraph), the TMR/TMT utilizes
the “special DC line” of 50 b/s.
The following shows the conditions to use this line.
ITEM
DATA
Transmission speed
50 b/s max.
Technical configuration
2-wire (metalic return)
4-wire (metalic return
Communication
Uni-directional, full-duplex
Intersection
Not allowed
Circuit protection
Required
Electrical characteristics
Current 45mA max.
Voltage between lines 100V max.
Voltage to ground 50V max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com