Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC210-11-M2/M2 Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # SC210-11-M2/M2
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC210-11-M2/M2 Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button SC210-11-M2/M2 Datasheet HTML 6Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 7Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 8Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 9Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 10Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 11Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 12Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 13Page - M-System Co.,Ltd. SC210-11-M2/M2 Datasheet HTML 14Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MODEL: SC210
SC210 SPECIFICATIONS
ES-6340 Rev.18 Page 11/14
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
Sensor
Excitation
Input
Circuit
A/D
Converter
A/D
Converter
A/D
Converter
Discrete
Input
Circuit
Display /
Setting
Output
Driver
Output
Driver
Output
Driver
Isolation
Output
Driver
Isolation
Output
Driver
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Digital
Computation
Isolation
Control Module
Backup Module
Isolation
34
35
36
37
38
39
31
33
32
42
A1
B1
C1
44
43
45
47
46
A2
B2
C2
48
49
50
51
52
+
+
+
+
–
+
+
+
+
+
–
Di 1 / Pi 1
Di 2 / Pi 2
Di 4 / Pi 4
Di 3 / Pi 3
Di 5 / Pi 5
Di 6 / Pi 6
Pv 1
UNIVERSAL INPUT
Pv 2
UNIVERSAL INPUT
Ai 1
Ai 2
Ai 3
Ai 4
SENSOR EXC
INPUT
COM
16
17
18
19
20
21
22
23
24
25
10
11
3 +
4 –
+
–
+
+
U(+)
V(–)
FG
–
5
6
7
8
9
12
13
26
Do 1
Do 2
Do 3
Do 4
Do 5
POWER
Ao 2
Ao 1
Mv 1
Do 6
RUN CONTACT
*4. Connect input resistor module (model: REM4) for current input.
*5. Connect CJC sensor for thermocouple input.
*6. Connect input resistor module (model: REM4).
■ UNIVERSAL INPUT CONNECTION E.G.
RTD
A
B
A
B
C
A
B
C
A
B
C
A
B
C
T/C
CJC SENSOR
C
POTENTIOMETER
*4
*5
*6
R
A
B
C
A
B
C
R
29
30
2-Wire
XMTR
+
–
+
–
+
–
+
–
+
–
VOLT / CURRENT
INPUT
Digital
Computation
Output
Switch
Backup Module
Power Circuit
OPERATION BUTTONS
■ BACKUP MODULE POWER SUPPLY: SINGLE SUPPLY
MV SETTING
INDICATORS
+
–
2
1
28
41
40
27
14
15
Jumper*1
Shielded Twisted-pair Cable
To Other
NestBus
Devices
SHLD
Modbus/TCP
RJ-45 CONNECTOR
T4
T1
T2
T3
+
–
Jumper*2
Shielded Twisted-pair Cable
To Other
Modbus-RTU
Devices
SHLD
T4
T1
T2
T3
Isolation
Isolation
Isolation
*1. Close across the terminals 27 – 28 when the unit is located at the end of a transmission line (= no cross-wiring).
*2. Close across the terminals 14 – 15 when the unit is located at the end of a transmission line (= no cross-wiring).
*3. Backup is applicable to Mv 2 only. Mv 2B is output of the backup module.
■ DISCRETE INPUT PULSE
INPUT CONNECTION E.G.:
Dry contact
A
B
B
3
2
1
max.
min.
+
–
Excitation
Supply
PC CONFIGURATOR/
BUILDER SOFTWARE
Infrared Port / Jack
29
30
+
–
2-WIRE TRANSMITTER
+12V
1 or 2kΩ
Mv 2, Mv 2B *
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com