Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC210-12-M2/M2 Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # SC210-12-M2/M2
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC210-12-M2/M2 Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button SC210-12-M2/M2 Datasheet HTML 6Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 7Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 8Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 9Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 10Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 11Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 12Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 13Page - M-System Co.,Ltd. SC210-12-M2/M2 Datasheet HTML 14Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MODEL: SC210
SC210 SPECIFICATIONS
ES-6340 Rev.18 Page 10/14
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm
68
[68+72×(n - 1)]
+0.7
0
Panel thickness 2.3 – 20
+1
0
■ PANEL CUTOUT unit: mm
• Single mounting
• Clustered mounting
n = number of units
■ Caution
• IP55 is ensured for the front panel of the unit mounted independently to according to a panel. Test the sealing at the
mounting surface once the device is installed.
• Set the unit on a vertical surface with its operation buttons at the lower side. Mounting in other directions may cause heat
built up inside the unit and shorten its life span or degrade its performance.
• Ensure that there is sufficient space for ventilation inside a panel. Do not install above the devices that generate high heat
such as heaters, transformers or resistors. Leave at least 30 mm (1.2 inch) space above, below and behind the unit for
maintenance purpose (e.g. wiring, removing or installing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com