Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-R-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # TM-R-R
Description  CONTACT TELEMETERING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TM-R-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  TM-R-R Datasheet HTML 1Page - M-System Co.,Ltd. TM-R-R Datasheet HTML 2Page - M-System Co.,Ltd. TM-R-R Datasheet HTML 3Page - M-System Co.,Ltd. TM-R-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES-5221 Rev.9
P. 3 / 4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
1
2
7
8
+
–
3
4
5
6
OUTPUT 1
+
–
OUTPUT 2
Constant
Current
■Open Collector
Output Connection Examples
■Relay
•AC Powered
+
–
3
4
+
–
+
–
5
6
+
–
3
4
LOAD
•DC Powered
3
4
LOAD
5
6
LOAD
Relay or
Counter Coil
Varistor or Spark
Quenching Circuit
5
6
LOAD
Relay or
Counter Coil
Spark Quenching Diode
+
–
U(+)
V(–)
POWER
Frequency
Limiter
Open
Collector
■TMT (open collector)
Base Socket
1
2
7
8
3
4
5
6
OUTPUT 1
OUTPUT 2
Constant
Current
+
–
U(+)
V(–)
POWER
Frequency
Limiter
Current
Detector
Current
Detector
Relay
■TMR (relay)
OPEN
COLLECTOR
RELAY
OPEN
COLLECTOR
RELAY
5mA
5mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com