Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-T-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # TM-T-R
Description  CONTACT TELEMETERING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TM-T-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  TM-T-R Datasheet HTML 1Page - M-System Co.,Ltd. TM-T-R Datasheet HTML 2Page - M-System Co.,Ltd. TM-T-R Datasheet HTML 3Page - M-System Co.,Ltd. TM-T-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES-5221 Rev.9
MODEL
Telemetering System
TMR/TMT
Functions & Features
• Transmitting 1-point contact signal through NTT
(Nippon Telephone & Telegraph) personal telecom-
munication line of 50 b/s • Approved of Technical
Requirements Compliance Approval by Japan Ap-
proval Institute for Telecommunications Equipment
• Approval No. M90-N227-0 • Applicable to vari-
ous cables types • No interference by induction noise
• Lightning protection applicable • No field adjust-
ment required • Compact plug-in construction easy
to install and maintain
MODEL & SUFFIX CODE SELECTION
TM
MODEL
INPUT
Dry contact
OUTPUT
R : Relay contact
T : Open collector
POWER INPUT
AC Power
DC Power
B : 100V AC
G : 200V AC
S : 12V DC*
C :110V AC
H : 220V AC
R : 24V DC*
D :115V AC
J : 240V AC
F : 120V AC
*24V DC (Code R) and 12V DC (Code S) are not ap-
proved by Japan Approvals Institute for Telecommu-
nications Equipment.
Therefore an individual application will be necessary
for using the TMA on NTT telecom. line.
CONTACT TELEMETERING MODULE
P. 1 / 4
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
TMR
M•UNIT
Model
OFF
ON
OUTPUT
ORDERING INFORMATION
Specify code number. (e.g. TMR-B)
GENERAL SPECIFICATIONS
Construction: plug-in
Connection: M3.5 screw terminals
Housing material: flame-resistant resin (black)
Isolation:
input to output to power
INPUT & OUTPUT
■INPUT:
dry contact
Sensing:
approx. 18V DC @5mA
ON/OFF level: ≤3kΩ for ON; ≥30kΩ for OFF
Maximum leadwire resistance: 3kΩ including
return
■OUTPUT
•Relay Contact: 100V AC @5A (cosø=1)
24V DC @5A (resistive load)
electrical life 10 × 104 cycles (rate 30/min.)
Maximum switching voltage: 380V AC or 125V DC
Maximum switching power: 500VA or 120W
Minimum load: 5V DC @10mA (18V DC @5mA)
Mechanical life: 5 × 107 cycles
Maximum frequency: 1 Hz
•Open Collector: 24V DC @100mA
Maximum frequency: 20 Hz
Saturation voltage: 1.8V DC
Remark: The output pulse width is adjusted to 25
millisec. even when the input pulse width is narrower
than 25 millisec.


Similar Part No. - TM-T-R

ManufacturerPart #DatasheetDescription
logo
ABB
TM-03 ABB-TM-03 Datasheet
4Mb / 80P
Electrical & mechanical fixing systems E-Klips spring steel fasteners
11/2015
logo
Vectron International, ...
TM-056 VECTRON-TM-056 Datasheet
370Kb / 7P
Integrated Timing Solution
TM-056-CBC-A VECTRON-TM-056-CBC-A Datasheet
370Kb / 7P
Integrated Timing Solution
TM-056-CBC-B VECTRON-TM-056-CBC-B Datasheet
370Kb / 7P
Integrated Timing Solution
TM-056-CBF-A VECTRON-TM-056-CBF-A Datasheet
370Kb / 7P
Integrated Timing Solution
More results

Similar Description - TM-T-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A4-AG01G ONSEMI-NOM02A4-AG01G Datasheet
267Kb / 9P
200DPI Contact Image Sensor Module
March, 2012 ??Rev. 1
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
logo
Red Lion Controls. Inc
DRY_CONTACT REDLION-DRY_CONTACT Datasheet
325Kb / 1P
Dry Contact Relay Module
logo
M-System Co.,Ltd.
22LS1 MSYSTEM-22LS1 Datasheet
187Kb / 7P
Telemetering System
DAST20 MSYSTEM-DAST20 Datasheet
383Kb / 22P
Telemetering System
DLS MSYSTEM-DLS Datasheet
224Kb / 10P
TELEMETERING UNIT
TMA MSYSTEM-TMA Datasheet
59Kb / 4P
ANALOG TELEMETERING MODULE
logo
Schneider Electric
MDSAN20 SCHNEIDER-MDSAN20 Datasheet
95Kb / 1P
Contact Auxiliary 2 N/O Module
Aug 10, 2019
logo
EnOcean GmbH.
STM320 ENOCEAN-STM320 Datasheet
216Kb / 1P
Energy Harvesting Magnet Contact Transmitter Module
May 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com